Electronic Components Datasheet Search
  English  ▼

X  

PTB110 Datasheet(PDF) 1 Page - Vaisala

Part # PTB110
Description  BAROCAP Barometer PTB110
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

PTB110 Datasheet(HTML) 1 Page - Vaisala

  PTB110 Datasheet HTML 1Page - Vaisala PTB110 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAROCAPâ Barometer PTB110
For Industrial Use
Features
• Vaisala BAROCAPâ sensor
• Several pressure ranges
• Accuracy ±0.3 hPa at +20 °C
• Long-term stability
• On/Off control with external
trigger
• Output voltage 0 … 2.5 or
0 … 5 VDC
• Current consumption less than
4 mA
• Mountable on 35 mm wide DIN rail
• Traceable calibration
(certificate included)
Vaisala BAROCAPâ Barometer PTB110 is designed both for accurate barometric
pressure measurements at room temperature and for general environmental pressure
monitoring over a wide temperature range.
Vaisala BAROCAP Technology
PTB110 uses the Vaisala BAROCAP
sensor, a silicon capacitive absolute
pressure sensor developed by Vaisala for
barometric pressure measurement
applications. The sensor combines
the outstanding elasticity characteristics
and mechanical stability of single-crystal
silicon with the proven capacitive
detection principle.
Applications
PTB110 is suitable for a variety of
applications, such as environmental
pressure monitoring, data buoys, laser
interferometers, and agriculture and
hydrology. The compact PTB110 is ideal
for data logger applications as it has low
power consumption. The external On/Off
control is practical when electricity
supply is limited.
Accuracy and Stability
The excellent long-term stability of
the barometer minimizes or even
removes the need for field adjustment in
many applications.


Similar Part No. - PTB110

ManufacturerPart #DatasheetDescription
logo
Amphenol Industrial Pro...
PTB12-10PS AIO-PTB12-10PS Datasheet
29Kb / 1P
thru bulkhead receptacle
logo
Insel Rectifier India P...
PTB1200 IRI-PTB1200 Datasheet
305Kb / 2P
THREE PHASE BRIDGE RECTIFIERS
logo
celduc-relais
PTB13702 CELDUC-PTB13702 Datasheet
409Kb / 2P
MAGNETIC PROXIMITY SENSOR
More results

Similar Description - PTB110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS5534B ETC-MS5534B Datasheet
1,015Kb / 21P
BAROMETER MODULE
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
BAROMETER MODULE
logo
Intersema Sensoric SA
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
BAROMETER MODULE
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
MINIATURE BAROMETER MODULE
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
MINIATURE BAROMETER MODULE
logo
Freescale Semiconductor...
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
Miniature SPI Digital Barometer
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
Miniature I2C Digital Barometer
logo
Vaisala
PTB330 VAISALA-PTB330 Datasheet
273Kb / 3P
BAROCAP Digital Barometer PTB330
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com