Electronic Components Datasheet Search
  English  ▼

X  

RG13 Datasheet(PDF) 1 Page - Vaisala

Part # RG13
Description  Rain Gauge RG13, RG13H
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VAISALA [Vaisala]
Direct Link  https://www.vaisala.com/en
Logo VAISALA - Vaisala

RG13 Datasheet(HTML) 1 Page - Vaisala

  RG13 Datasheet HTML 1Page - Vaisala RG13 Datasheet HTML 2Page - Vaisala  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Rain Gauge RG13, RG13H
Features
• Designed to measure rainfall /
liquid precipitation
• Tipping bucket principle
• Suitable for remote and
unattended locations
• Provides accurate measurements
• Economical and proven in
operation
• Robust system component
Vaisala Rain Gauge RG13 and Vaisala Rain Gauge RG13H with heating option are
designed for measuring liquid precipitation.
RG13(H) uses a pulse-based tipping-
bucket mechanism to produce a contact
closure every time it receives
a predetermined quantity of rainfall
(0.1 mm / 0.2 mm / 0.5 mm).
The body and funnel of the gauge are
aluminum alloy. The septum ring at
the top gives an aperture of exactly
400 cm2 (62 in2).
The tipping-bucket mechanism is
mounted inside the body on a cast
aluminum-alloy base that has fixing slots,
3 leveling screws, and a spirit level.
The mechanism consists of a divided
bucket pivoted at its center. Rain collects
in the upper half. When this is full,
the mechanism tilts and discharges
the collected water, so that the other half
of the bucket can start filling.
A siphon device is fitted to the base of
the funnel to control the rate of flow into
the buckets. By ensuring a constant flow
rate into the tipping bucket, calibration is
made easier and accuracy improved.
The heating turns on when
the temperature drops below +4 °C
(+39 °F).


Similar Part No. - RG13

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RG13 RENESAS-RG13 Datasheet
919Kb / 56P
EEPROM Emulation Library
logo
List of Unclassifed Man...
RG1375-32-4 ETC2-RG1375-32-4 Datasheet
81Kb / 2P
Heyco Rubber Grommets
RG1375-32-6 ETC2-RG1375-32-6 Datasheet
81Kb / 2P
Heyco Rubber Grommets
RG1375-36-6 ETC2-RG1375-36-6 Datasheet
81Kb / 2P
Heyco Rubber Grommets
More results

Similar Description - RG13

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E527.05 ELMOS-E527.05 Datasheet
299Kb / 2P
HALIOS RAIN AND LIGHT SENSOR
E527.04 ELMOS-E527.04 Datasheet
168Kb / 2P
Rain and Light Sensor
logo
OSRAM GmbH
BPW34S OSRAM-BPW34S Datasheet
756Kb / 17P
LIDAR, Pre-Crash, ACC Rain Sensors
BPW34SR OSRAM-BPW34SR Datasheet
924Kb / 18P
Rain Sensors
logo
AUREL S.p.A.
650201442G AUREL-650201442G Datasheet
569Kb / 1P
Capacitive Rain Sensor THICH FILM TECHNOLOGY
28.06.2017-Rev A
logo
FIBOX Enclosing innovat...
8120940 FIBOX-8120940 Datasheet
38Kb / 1P
Rain canopy set for size 2030
24.07.2023
8120942 FIBOX-8120942 Datasheet
38Kb / 1P
Rain canopy set for size 3040
24.07.2023
8120946 FIBOX-8120946 Datasheet
38Kb / 1P
Rain canopy set for size 5040
24.07.2023
8120947 FIBOX-8120947 Datasheet
38Kb / 1P
Rain canopy set for size 5070
24.07.2023
8120949 FIBOX-8120949 Datasheet
38Kb / 1P
Rain canopy set for size 6080
24.07.2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com