Electronic Components Datasheet Search
  English  ▼

X  

2N5680 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N5680
Description  PNP POWER TRANSISTOR SILICON AMPLIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N5680 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N5680 Datasheet HTML 1Page - Microsemi Corporation 2N5680 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
PNP POWER TRANSISTOR SILICON AMPLIFIER
Qualified per MIL-PRF-19500/582
Devices
Qualified Level
2N5679
2N5680
JAN
JANTX
JANTXV
MAXIMUM RATINGS (TA = 25
0C unless otherwise noted)
Ratings
Symbol
2N5679
2N5680
Unit
Collector-Emitter Voltage
VCEO
100
120
Vdc
Collector-Base Voltage
VCBO
100
120
Vdc
Emitter-Base Voltage
VEBO
4.0
4.0
Vdc
Collector Current
IC
1.0
1.0
Adc
Base Current
IB
0.5
0.5
Adc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +25
0C(2)
PT
1.0
10
1.0
10
W
W
Operating & Storage Temperature Range
Top, Tstg
-65 to +200
-65 to +200
°C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
17.5
0C
1) Derate linearly 5.7 mW/
0C for TA > +250C
2) Derate linearly 57 mW/
0C for TC > +250C
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 10 mAdc
2N5679
2N5680
V(BR)CEO
100
120
Vdc
Emitter-Base Cutoff Current
VEB = 4.0 Vdc
IEBO
1.0
µAdc
Collector-Emitter Cutoff Current
VCE = 70 Vdc
2N5679
VCE = 80 Vdc
2N5680
ICEO
10
µAdc
Collector-Emitter Cutoff Current
VBE = 1.5 Vdc
VCE = 100 Vdc
2N5679
VCE = 120 Vdc
2N5680
ICEX
100
nAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2
TO-39*
(TO-205AD)


Similar Part No. - 2N5680

ManufacturerPart #DatasheetDescription
logo
Seme LAB
2N5680 SEME-LAB-2N5680 Datasheet
20Kb / 2P
PNP SILICON TRANSISTORS
logo
Boca Semiconductor Corp...
2N5680 BOCA-2N5680 Datasheet
43Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
logo
Central Semiconductor C...
2N5680 CENTRAL-2N5680 Datasheet
56Kb / 1P
Small Signal Transistors
logo
List of Unclassifed Man...
2N5680 ETC-2N5680 Datasheet
347Kb / 8P
Power Transistors
logo
TRANSYS Electronics Lim...
2N5680 TEL-2N5680 Datasheet
64Kb / 2P
PNP/NPN HIGH VOLTAGE SILICON TRANSISTORS
More results

Similar Description - 2N5680

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
340Kb / 1P
PNP Silicon Amplifier Transistor
logo
AUK corp
2SA1979 AUK-2SA1979 Datasheet
239Kb / 4P
PNP Silicon Transistor (Medium power amplifier)
2SA1979M AUK-2SA1979M Datasheet
231Kb / 4P
PNP Silicon Transistor (Medium power amplifier)
2SA1979S AUK-2SA1979S Datasheet
231Kb / 4P
PNP Silicon Transistor (Medium power amplifier)
2SA1979SF AUK-2SA1979SF Datasheet
230Kb / 4P
PNP Silicon Transistor (Medium power amplifier)
2SA1979U AUK-2SA1979U Datasheet
220Kb / 4P
PNP Silicon Transistor (Medium power amplifier)
2SA1979UF AUK-2SA1979UF Datasheet
220Kb / 4P
PNP Silicon Transistor (Medium power amplifier)
logo
ON Semiconductor
2N5087 ONSEMI-2N5087_07 Datasheet
156Kb / 7P
Amplifier Transistor PNP Silicon
March, 2007 ??Rev. 4
logo
Unisonic Technologies
MMBTA56 UTC-MMBTA56 Datasheet
116Kb / 5P
AMPLIFIER TRANSISTOR PNP SILICON TRANSISTOR
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55_11 Datasheet
218Kb / 2P
PNP Silicon Amplifier Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com