Electronic Components Datasheet Search
  English  ▼

X  

2N6341 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N6341
Description  NPN POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6341 Datasheet(HTML) 1 Page - Microsemi Corporation

  2N6341 Datasheet HTML 1Page - Microsemi Corporation 2N6341 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN POWER SILICON TRANSISTOR
Qualified per MIL-PRF-19500/509
Devices
Qualified Level
2N6338
2N6341
JANTX
JANTXV
MAXIMUM RATINGS
Ratings
Symbol
2N6338
2N6341
Unit
Collector-Emitter Voltage
VCEO
100
150
Vdc
Collector-Base Voltage
VCBO
120
180
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Base Current
IB
10
Adc
Collector Current
IC
25
Adc
Total Power Dissipation
(1)
@ TA = +25
0C
@ TC = +100
0C
PT
200
112
W
W
Operating & Storage Junction Temperature Range
Top, Tstg
-65 to +175
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
0.875
0C/W
1)
Derate linearly 1.14 W/
0C for TC = +250C and TC = +2000C
TO-3*
(TO-204AA)
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IC = 50 mAdc
2N6338
2N6341
V(BR)CEO
100
150
Vdc
Collector-Emitter Cutoff Current
VCE = 50 Vdc
2N6338
VCE = 75 Vdc
2N6341
ICEO
50
µAdc
Collector-Emitter Cutoff Current
VCE = 100 Vdc, VBE = 1.5 Vdc
2N6338
VCE = 150 Vdc, VBE = 1.5 Vdc
2N6341
ICEX
10
10
µAdc
Emitter-Base Cutoff Current
VEB = 6.0 Vdc
IEBO
100
µAdc
Collector-Base Cutoff Current
VCB = 120 Vdc
2N6338
VCB = 180 Vdc
2N6341
ICEO
10
10
µAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N6341

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2N6341 MOSPEC-2N6341 Datasheet
128Kb / 3P
POWER TRANSISTOR(25A,200W)
logo
ON Semiconductor
2N6341 ONSEMI-2N6341 Datasheet
155Kb / 4P
POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
logo
Boca Semiconductor Corp...
2N6341 BOCA-2N6341 Datasheet
134Kb / 3P
HIGH-POWER NPN SILICON TRANSISTORS
logo
ON Semiconductor
2N6341 ONSEMI-2N6341 Datasheet
66Kb / 4P
High-Power NPN Silicon Transistors
May, 2001 ??Rev. 10
logo
Savantic, Inc.
2N6341 SAVANTIC-2N6341 Datasheet
115Kb / 3P
Silicon NPN Power Transistors
More results

Similar Description - 2N6341

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MRF342 ASI-MRF342 Datasheet
145Kb / 1P
SILICON POWER NPN TRANSISTOR
logo
NEC
2SC2333 NEC-2SC2333 Datasheet
167Kb / 3P
NPN Silicon Power Transistor
logo
Continental Device Indi...
C13003 CDIL-C13003 Datasheet
160Kb / 4P
NPN SILICON POWER TRANSISTOR
CFC4662 CDIL-CFC4662 Datasheet
106Kb / 3P
NPN SILICON POWER TRANSISTOR
logo
Bourns Electronic Solut...
BUT11 BOURNS-BUT11 Datasheet
128Kb / 5P
NPN SILICON POWER TRANSISTOR
BUX84 BOURNS-BUX84 Datasheet
125Kb / 6P
NPN SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N2880 MICROSEMI-2N2880_1 Datasheet
45Kb / 2P
NPN POWER SILICON TRANSISTOR
2N5002 MICROSEMI-2N5002 Datasheet
58Kb / 2P
NPN POWER SILICON TRANSISTOR
logo
M/A-COM Technology Solu...
MRF10031 MA-COM-MRF10031 Datasheet
195Kb / 5P
Microwave Power Silicon NPN Transistor Microwave Power Silicon NPN Transistor
logo
Kwang Myoung I.S. CO.,L...
TIP35CF KISEMICONDUCTOR-TIP35CF Datasheet
5Mb / 2P
Silicon NPN Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com