Electronic Components Datasheet Search
  English  ▼

X  

2N6650 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 2N6650
Description  PNP DARLINGTON POWER SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N6650 Datasheet(HTML) 2 Page - Microsemi Corporation

  2N6650 Datasheet HTML 1Page - Microsemi Corporation 2N6650 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2N6648, 2N6649, 2N6650 JAN SERIES
ELECTRICAL CHARACTERISTICS (con’t)
Characteristics
Symbol
Min.
Max.
Unit
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
IEBO
-10
mAdc
Collector-Emitter Cutoff Current
VCE = -40 Vdc
2N6648
VCE = -60 Vdc
2N6649
VCE = -80 Vdc
2N6650
ICEO
-1.0
-1.0
-1.0
mAdc
Collector-Emitter Cutoff Current
VCE = -40 Vdc, VBE = 1.5 Vdc
2N6648
VCE = -60 Vdc, VBE = 1.5 Vdc
2N6649
VCE = -80 Vdc, VBE = 1.5 Vdc
2N6650
ICEX
-0.3
-0.3
-0.3
mAdc
ON CHARACTERISTICS
(3)
Forward-Current Transfer Ratio
IC = -1.0 Adc, VCE = 3.0 Vdc
IC = -5.0 Adc, VCE = 3.0 Vdc
IC = -10 Adc, VCE = 3.0 Vdc
hFE
300
1,000
100
20,000
Collector-Emitter Saturation Voltage
IC =-5 .0 Adc, IB = -10 mAdc
IC = -10 Adc, IB = -0.1 Adc
VCE(sat)
-2.0
-3.0
Vdc
Base-Emitter Voltage
IC = -5.0 Adc, VCE = -3.0 Vdc
IC = -10 Adc, VCE = -3.0 Vdc
VBE(on)
-2.8
-4.5
Vdc
DYNAMIC CHARACTERISTICS
Magnitude of Common Emitter Small-Signal Short-Circuit
Forward Current Transfer Ratio
IC =- 1.0 Adc, VCE = -5.0 Vdc, f = 1.0 MHz
h
fe
50
400
Output Capacitance
VCB = 10 Vdc, IE = 0, 100 kHz ≤ f ≤ 1.0 MHz
Cobo
300
pF
SWITCHING CHARACTERISTICS
Turn-On Time
VCC = -30 Vdc; IC = -5.0 Adc; IB1 =- 20 mAdc
ton
2.5
µs
Turn-Off Time
VCC = -30 Vdc; IC = -5.0 Adc; IB1 = -IB2 = 20 mAdc
toff
10
µs
SAFE OPERATING AREA
DC Tests
TC = +25
0C, 1 Cycle, t = 1.0 s
Test 1
VCE = -8.5 Vdc, IC = -10 Adc
Test 2
VCE = -25 Vdc, IC = -3.4 Adc
Test 3
VCE = -40 Vdc, IC = -0.9 Adc
2N6648
VCE = -60 Vdc, IC = -0.3 Adc
2N6449
VCE = -80 Vdc, IC = -0.14 Adc
2N6650
(3) Pulse Test: Pulse Width = 300
µs, Duty Cycle ≤ 2.0%.
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com