Electronic Components Datasheet Search
  English  ▼

X  

CDM517 Datasheet(PDF) 2 Page - CUI Devices

Part # CDM517
Description  M5 CABLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CDM517 Datasheet(HTML) 2 Page - CUI Devices

  CDM517 Datasheet HTML 1Page - CUI Devices CDM517 Datasheet HTML 2Page - CUI Devices CDM517 Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
CUI DEVICES | SERIES: CDM517 | DESCRIPTION: M5 CABLE
date 12/18/2023 | page 2 of 3
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance:
0.5<X≤6.0: ±0.1 mm
6.0<X≤30.0: ±0.2 mm
unless otherwise noted
ITEM DESCRIPTION
MATERIAL
PLATING/COLOR
A
cable
UL 2464 PVC
black
B
M5x0.5 screw
brass
nickel
C
terminals; male
brass
gold
D
housing; male
PA66 (UL94V-0)
black
E
overmold
TPU (UL94V-0)
black
No. of Poles
3
4
Coding
Pin#
Cable
26 AWG X 3C
OD: 4.0±0.2 mm
26 AWG X 4C
OD: 4.3±0.2 mm
1
brown
brown
2
---
white
3
blue
blue
4
black
black
Additional Resources: Product Page



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com