Electronic Components Datasheet Search
  English  ▼

X  

2N6304 Datasheet(PDF) 3 Page - Advanced Power Technology

Part # 2N6304
Description  RF & MICROWAVE DISCRETE LOW POWER TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADPOW [Advanced Power Technology]
Direct Link  http://www.advpowertech.com
Logo ADPOW - Advanced Power Technology

2N6304 Datasheet(HTML) 3 Page - Advanced Power Technology

  2N6304 Datasheet HTML 1Page - Advanced Power Technology 2N6304 Datasheet HTML 2Page - Advanced Power Technology 2N6304 Datasheet HTML 3Page - Advanced Power Technology 2N6304 Datasheet HTML 4Page - Advanced Power Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2N6304
Advanced Power Technology reserves the right to change, without notice, the specifications and information contained herein
Visit our website at WWW.ADVANCEDPOWER.COM or contact our factory direct.
FUNCTIONAL
Value
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
G
U max
Maximum Unilateral Gain (1)
IC = 14 mAdc, VCE = 10
Vdc, f = 500 MHz
-
14
-
dB
MAG
Maximum Available Gain
IC = 14 mAdc, VCE = 10
Vdc, f = 500 MHz
-
13
-
dB
|S21|
2
Insertion Gain
IC = 14 mAdc, VCE = 10
Vdc, f = 500 MHz
9
10
-
dB
Table 1. Common Emitter S-Parameters, @ VCE = 10 V, IC = 14 mA
f
S11
S21
S12
S22
(MHz)
|S11|
∠ φ
|S21|
∠ φ
|S12|
∠ φ
|S22|
∠ φ
100
0.430
-46
13.18
119
0.013
61
0.875
-25
200
0.269
-58
8.27
97
0.019
50
0.773
-38
300
0.212
-61
5.35
86
0.024
55
0.749
-50
400
0.192
-69
3.85
77
0.032
50
0.735
-63
500
0.164
-76
3.34
77
0.036
45
0.72
-76
600
0.153
-78
2.92
66
0.042
42
0.725
-89
700
0.170
-87
2.34
58
0.042
40
0.729
-104
800
0.146
-94
1.85
55
0.052
40
0.713
-120
900
0.226
-119
2.66
56
0.065
25
0.757
-136
1000
0.075
152
1.26
36
0.062
13
0.763
-153



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com