Electronic Components Datasheet Search
  English  ▼

X  

EL6 Datasheet(PDF) 1 Page - Leadshine Technology Co., Ltd.

Part # EL6
Description  EL6 AC Servo Drive
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EL6 Datasheet(HTML) 1 Page - Leadshine Technology Co., Ltd.

  EL6 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EL6 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EL6 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EL6 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EL6 Datasheet HTML 5Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Datasheet of EL6 AC Servo Drive
EL6 AC Servo Drive
EL6 Series AC servo products are a cost-effective AC digital servo drive which is designed mainly for position high accurate control,
power range up to 1kw, which can provide intelligent performance with efficient configuration methods.
Combined with abundant features such as MFC, vibration suppression, Multi-mode filter function etc., it provides machines a compact
size, low tuning works, high resolution encoder up to 23 bits ,which can be used for high accuracy applications
Features:
◆ Space Vector Modulation (SVM) Technology
◆ Efficient configuration methods:2 parameters related, robust Control
◆ Automatic identification for motor type with 17bit/23bit encoder
◆ Variety of external command signal: Pulse&Direction
◆ Build-in motion engine, internal motion controller used
◆ P-N Junction: Exchange power of entire servo drives
◆ Encoder output selectable
Technical Specification
Model
EL6-**400Z
EL6-**750Z
EL6-**1000Z
Rated Power (W)
400
750
1000
Cont current(Arms)
3
5.2
7
Peak Current(A)
13
18.4
26.5
Dimension(mm)
175*168*40
175*168*50
Power Supply
Single phase or three phase 220V -15%~+10% 50/60HZ
Control Method
IGBT SVPWM sinusoidal wave drive
Encoder Feedback
• 17bit incremental encoder/absolute encoder
• 23bit multi-turn absolute encoder
IO
Digital
IO
Inputs
• 4 programmable digital inputs
• allows sink input/source input
• within the range from 12 VDC to 24 VDC, 30mA
Outputs
• 3 programmable digital outputs(2 single-ended, 1differential)
• within the range from 12 VDC to 24 VDC,30mA
Pulse
Pulse
Input
• Max. input frequency:
• 500 kHz (differential input);
• 200kHz (open collector input)
Encoder
Output
Pulse
Output
Encoder ABZ output(A/B/Z single-ended, Z differential)
Communication
Port
RS232
For configuration connection
RS-485
Modbus/RTU(optional),1:N communication up to 31axes to a host
CANopen
CANopen (optional),1:N communication up to 127 axes to a host
Control Mode
• Profile Modes/Position/Build-in Position/Build-in Velocity/Jog
Operation Interface
Five LED tubes and five keys
Electronic gear ratio
1~8388608
Input Function Configuration
Servo-ON. Alarm clear. Positive/Negative Limit. Control mode switching. Gain
switching. Deviation counter clear. Command pulse inhibition. Electronic gear
switching. Torque limit switching. Speed zero clamp. Speed command sign input.
Torque command sign input. E-STOP. Inertia ratio switching. Internal speed selection
www.leadshine.com
1


Similar Part No. - EL6

ManufacturerPart #DatasheetDescription
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
EL6-RS Series AC Servo Drives – 220VAC
logo
FranMar International I...
EL60 FRANMAR-EL60 Datasheet
312Kb / 1P
60W 4:1 Input Voltage Isolated DC - DC Converters
EL60-40 FRANMAR-EL60-40 Datasheet
312Kb / 1P
60W 4:1 Input Voltage Isolated DC - DC Converters
EL60-41 FRANMAR-EL60-41 Datasheet
312Kb / 1P
60W 4:1 Input Voltage Isolated DC - DC Converters
EL60-42 FRANMAR-EL60-42 Datasheet
312Kb / 1P
60W 4:1 Input Voltage Isolated DC - DC Converters
More results

Similar Description - EL6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M0100-103-3-000 ETC2-M0100-103-3-000 Datasheet
4Mb / 16P
400W AC Powered Servo Drive
logo
Festo Corporation.
CMMT-AS-C2-3A-EC-S1 FESTO-CMMT-AS-C2-3A-EC-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-EP-S1 FESTO-CMMT-AS-C2-3A-EP-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C2-3A-PN-S1 FESTO-CMMT-AS-C2-3A-PN-S1 Datasheet
84Kb / 4P
Servo drive
CMMT-AS-C7-11A-P3-PN-S1 FESTO-CMMT-AS-C7-11A-P3-PN-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-AS-C12-11A-P3-EP-S1 FESTO-CMMT-AS-C12-11A-P3-EP-S1 Datasheet
83Kb / 4P
Servo drive
CMMT-ST-C8-1C-EP-S0 FESTO-CMMT-ST-C8-1C-EP-S0 Datasheet
80Kb / 3P
Servo drive
CMMT-ST-C8-1C-PN-S0 FESTO-CMMT-ST-C8-1C-PN-S0 Datasheet
80Kb / 3P
Servo drive
logo
Leadshine Technology Co...
EL6-RS LEADSHINE-EL6-RS Datasheet
1Mb / 14P
EL6-RS Series AC Servo Drives – 220VAC
ELP LEADSHINE-ELP Datasheet
668Kb / 7P
ELP Series AC Servo Drive
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com