Electronic Components Datasheet Search
  English  ▼

X  

EM705 Datasheet(PDF) 2 Page - Leadshine Technology Co., Ltd.

Part # EM705
Description  20-70V, 0.35-5A, Sensorless Stall Detection, Pre-Matching Motor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

EM705 Datasheet(HTML) 2 Page - Leadshine Technology Co., Ltd.

  EM705 Datasheet HTML 1Page - Leadshine Technology Co., Ltd. EM705 Datasheet HTML 2Page - Leadshine Technology Co., Ltd. EM705 Datasheet HTML 3Page - Leadshine Technology Co., Ltd. EM705 Datasheet HTML 4Page - Leadshine Technology Co., Ltd. EM705 Datasheet HTML 5Page - Leadshine Technology Co., Ltd. EM705 Datasheet HTML 6Page - Leadshine Technology Co., Ltd. EM705 Datasheet HTML 7Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Digital Stepper drive with pre-matching motor, EM705 Datasheet
Leadshine Motion Technology
Floor 11, Block A3, iPark 1001 Xueyuan Blvd., Nanshan District, Shenzhen, Guangdong, China
Page 2 of 7
Tel: 86-755-26434369 Fax: 86-755-26402718 Website: http://www.leadshine.com
Specifications
Electrical Specifications
Parameter
Min
Typical
Max
Unit
Input Voltage
20
48
70
VDC
Pulse Input Frequency
0
-
200
kHz
Logic Signal Current
7
10
16
mA
Isolation Resistance
500
-
-
MΩ
Operating Environment
Cooling
Natural Cooling or Forced cooling
Operating Environment
Environment
Avoid dust, oil fog and corrosive gases
Storage Temperature
-20℃ - 65
(
℃
-4℉ - 149℉)
Ambient Temperature
0℃ - 50℃ (32℉ - 122℉)
Humidity
40%RH - 90%RH
Operating Temperature (Heat Sink)
70℃ (158℉) Max
Vibration
10-55Hz, 0.15mm/s
Storage Temperature
-20℃ - 65℃ (-4℉ - 149)
℉
Weight
276 g (9.73 oz)
Mechanical Specifications



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com