Electronic Components Datasheet Search
  English  ▼

X  

RPS Datasheet(PDF) 5 Page - Leadshine Technology Co., Ltd.

Part # RPS
Description  120/230VAC input, 24V/36V/48V/60V output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADSHINE [Leadshine Technology Co., Ltd.]
Direct Link  http://www.leadshine.com/
Logo LEADSHINE - Leadshine Technology Co., Ltd.

RPS Datasheet(HTML) 5 Page - Leadshine Technology Co., Ltd.

  RPS Datasheet HTML 1Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 2Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 3Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 4Page - Leadshine Technology Co., Ltd. RPS Datasheet HTML 5Page - Leadshine Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Datasheet of the Regulated DC Power Supplies
Leadshine Motion Technology
3/F, Block 2, Nanyou Tianan Industrial Park, Nanshan District Shenzhen, China
Page 5 / 5
Tel: 86-755-26409254 Fax: 86-755-26402718 Website: http://www.leadshine.com
Pin Assignment and Description
Pin
Description
L
N
AC power input
Ground terminal. Recommend connect this port to the ground for better safety.
COM
DC output negative
+V
DC output positive
Order Information
Model
Description
RPS2410
240W, 24VDC regulated switching power supply. Input: 85-132VAC or 176-265VAC
RPS369
350W, 36VDC regulated switching power supply. Input: 85-132VAC or 176-265VAC
RPS488
350W, 48VDC regulated switching power supply. Input: 85-132VAC or 176-265VAC
RPS4810
500W, 48VDC regulated switching power supply. Input: 85-132VAC or 176-265VAC
RPS608
500W, 60VDC regulated switching power supply. Input: 85-132VAC or 176-265VAC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com