Electronic Components Datasheet Search
  English  ▼

X  

CP30201W Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30201W
Description  FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30201W Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30201W Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Cliff Electronic Components Limited,
www.cliffuk.co.uk
üRoHS
©
06/2021
.2
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30201W
USB-C Female - Female, White plastic frame, CSK holes
Part No.
VARIANTS
CP30201
USB-C Female - Female, Black plastic frame, CSK holes
CP30201XW USB-C Female - Female, White plastic frame, Plain holes
CP30201X
USB-C Female - Female, Black plastic frame, Plain holes
Insert: ABS - UL94 HB
Materials:
Frame: PA66, UL94-V2
USB-C Specification:
Maximum Power - 60W
Maximum Rated Current - 3A
Withstanding Voltage - 100V for 1 minute.
Insulation Resistance - 100 Mega-ohms Min.
Contact Resistance - 40 Milli-ohms Max.
Insertion Life - 5,000 Cycles.
FUNCTIONALITY IS AFFECTED BY CABLE QUALITY, LENGTH AND CABLE WIRING CONFIGURATION.
NOT COMPATIBLE FOR POWER DELIVERY (PD) CHARGING.
N.B.
l
Front or rear mounted.
l
Fits standard XLR Ø24mm cutout.
l
No soldering or punch termination. Use standard cable for each connector style.
l
Low rear profile
Feedthrough Features


Similar Part No. - CP30201W

ManufacturerPart #DatasheetDescription
logo
Power-One
CP3020-7R POWER-ONE-CP3020-7R Datasheet
72Kb / 5P
120...195 Watt DC-DC Converters
logo
Bel Fuse Inc.
CP3020-9DTB1G BEL-CP3020-9DTB1G Datasheet
3Mb / 26P
P Series 90 - 192 Watt DC-DC Converters
logo
Electronic Components L...
CP30200G CLIFF-CP30200G Datasheet
468Kb / 1P
HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
CP30200GM CLIFF-CP30200GM Datasheet
468Kb / 1P
HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
CP30200GM3 CLIFF-CP30200GM3 Datasheet
468Kb / 1P
HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
More results

Similar Description - CP30201W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
690-024-231-031 ETC2-690-024-231-031 Datasheet
315Kb / 2P
USB 3.1 TYPE C FEMALE
690-024-232-031 ETC2-690-024-232-031 Datasheet
330Kb / 2P
USB 3.1 TYPE C FEMALE
690-024-294-031 ETC2-690-024-294-031 Datasheet
414Kb / 2P
USB C TYPE FEMALE SMT VERTICAL CONNECTOR
logo
VITALCONN ELECTRONICS H...
UC4295XLB01 VITALCONN-UC4295XLB01 Datasheet
807Kb / 2P
USB 3.1 C TYPE FEMALE L8.60
logo
Suntsu Electronics, Inc...
SCNUS-UC-124SGF-SOVPM SUNTSU-SCNUS-UC-124SGF-SOVPM Datasheet
142Kb / 1P
USB TYPE C 3.1 FEMALE CONNECTOR
logo
Amphenol Communications...
10152803 AMPHENOLCS-10152803 Datasheet
234Kb / 3P
USB Type C Female
2020-09-09
logo
Electronic Components L...
CP30200G CLIFF-CP30200G Datasheet
468Kb / 1P
HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
CP30211 CLIFF-CP30211 Datasheet
291Kb / 1P
USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
CP30212 CLIFF-CP30212 Datasheet
294Kb / 1P
DUAL USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
CP30288 CLIFF-CP30288 Datasheet
462Kb / 1P
8K HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
05/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com