Electronic Components Datasheet Search
  English  ▼

X  

CP30213 Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30213
Description  LC DUPLEX SM FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30213 Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30213 Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Cliff Electronic Components Limited,
Redhill, Surrey
1 2
U.K.
RH
PF
www.cliffuk.co.uk
üRoHS
©
05/2020
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
3. Metal Frame: Diecast, Black or Nickel plated
4. Sleeve: Ceramic
Notes:
1. Insertion Loss: ≤0.3dB
5. Dust Cover: PE
1. Coupler Body: PEI
2. Plastic Frame: Polyamide UL94 V-2
6. Insert: ABS/PC
Material:
CP30213M3
LC Duplex SM Nickel plated metal frame, M3 holes
CP30213MB
LC Duplex SM Black metal frame, CSK holes
CP30213M
LC Duplex SM Nickel plated metal frame, CSK holes
Part No.
VARIANTS
CP30213
LC Duplex SM Black plastic frame, CSK holes
General:
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
CP30213M3B
LC Duplex SM Black metal frame, M3 holes
CP30213X
LC Duplex SM Black plastic frame, PLAIN holes
Feedthrough Features
l
No soldering or punch termination. Use standard cable for each connector style.
l
Front or rear mounted.
l
Fits standard XLR Ø24mm cutout.
l
Low rear profile
LC DUPLEX SM FEEDTHROUGH CONNECTOR


Similar Part No. - CP30213

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CP30213M ETC-CP30213M Datasheet
881Kb / 3P
METAL FEEDTHROUGH CONNECTORS
logo
Electronic Components L...
CP30213M3B CLIFF-CP30213M3B Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30213M3B CLIFF-CP30213M3B Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30213MB CLIFF-CP30213MB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30213MB CLIFF-CP30213MB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results

Similar Description - CP30213

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
106025-2320 MOLEX-106025-2320 Datasheet
686Kb / 2P
LC Duplex Single-Boot Connector
logo
List of Unclassifed Man...
AX103615 ETC2-AX103615 Datasheet
109Kb / 4P
Modular Connectors - FXU FRAME, Pigtail, 24-F, SM, LC-DUPLEX/UPC
logo
Tripp Lite. All Rights ...
N455000 TRIPPLITE-N455000 Datasheet
481Kb / 2P
Duplex Multimode Fiber Coupler (LC-LC)
N455000S TRIPPLITE-N455000S Datasheet
481Kb / 2P
Duplex Singlemode Fiber Coupler (LC-LC)
N455000SPM TRIPPLITE-N455000SPM Datasheet
493Kb / 2P
Duplex Singlemode Fiber Optic Coupler, (LC-LC)
N455-000 TRIPPLITE-N455-000 Datasheet
155Kb / 2P
Duplex Multimode Fiber Coupler (LC/LC)
N455-000-S TRIPPLITE-N455-000-S Datasheet
155Kb / 2P
Duplex Singlemode Fiber Coupler (LC/LC)
logo
TE Connectivity Ltd
6828130 TEC-6828130 Datasheet
211Kb / 1P
CONNECTOR KIT, LC, DUPLEX, SM, JUMPER, TIGHT JACKET STYLE, 1.6 ~ 1.0mm
REV B
logo
Electronic Components L...
CP30214 CLIFF-CP30214 Datasheet
259Kb / 1P
LC DUPLEX MM FEEDTHROUGH CONNECTOR
05/2020
CP30215 CLIFF-CP30215 Datasheet
243Kb / 1P
SC SIMPLEX SM FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com