Electronic Components Datasheet Search
  English  ▼

X  

CP30211MB Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30211MB
Description  USB-C Female-Male FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30211MB Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30211MB Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Cliff Electronic Components Limited,
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Redhill, Surrey
1 2
U.K.
RH
PF
www.cliffuk.co.uk
üRoHS
©
06/2021
.2
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
Withstanding Voltage - 100V for 1 minute.
Maximum Working Voltage - 30V
Contact Resistance - 40 Milli-ohms Max.
USB-C Specification:
2. Plastic Frame: Polyamide UL94 V-2
3. Metal Frame: Diecast, Black or Nickel plated
Insulation Resistance - 100 Mega-ohms Min.
Maximum Rated Current - 3A
Material:
1. Insert: ABS - UL94 HB
Insulator Flammability Rating - UL-94V0
Insertion Life - 10,000 Cycles.
CP30211W
USB-C F-M White plastic frame, CSK holes
Part No.
CP30211M3B
USB-C F-M Black metal frame, M3 holes
CP30211M3
USB-C F-M Nickel plated metal frame, M3 holes
CP30211X
USB-C F-M Black plastic frame, PLAIN holes
CP30211XW
USB-C F-M White plastic frame, PLAIN holes
CP30211MB
USB-C F-M Black metal frame, CSK holes
CP30211M
USB-C F-M Nickel plated metal frame, CSK holes
CP30211
USB-C F-M Black plastic frame, CSK holes
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
VARIANTS
General:
Feedthrough Features
l
Fits standard XLR Ø24mm cutout.
l
Front or rear mounted.
l
No soldering or punch termination. Use standard cable for each connector style.
l
Low rear profile
USB-C Female-Male FEEDTHROUGH CONNECTOR


Similar Part No. - CP30211MB

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30211MB CLIFF-CP30211MB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30211MB CLIFF-CP30211MB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results

Similar Description - CP30211MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
632905731122 ETC2-632905731122 Datasheet
343Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731731 ETC2-632910731731 Datasheet
320Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Wurth Elektronik GmbH &...
632905731122 WURTH-632905731122 Datasheet
388Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.0 A FEMALE
632910731731 WURTH-632910731731 Datasheet
366Kb / 2P
CABLE USB 3.1 C MALE TO USB 3.1 C MALE
logo
Neutrik AG
NA3FDM NEUTRIK-NA3FDM Datasheet
85Kb / 3P
XLR female-male feedthrough adapter for panel mount
logo
IOGEAR
G2LU3CMF IOGEAR-G2LU3CMF Datasheet
128Kb / 2P
USB-C Male to Female Adapter
logo
Electronic Components L...
CP30200G CLIFF-CP30200G Datasheet
468Kb / 1P
HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
CP30201 CLIFF-CP30201 Datasheet
306Kb / 1P
FEEDTHROUGH CONNECTOR USB-C FEMALE - FEMALE
CP30212 CLIFF-CP30212 Datasheet
294Kb / 1P
DUAL USB-C Female-Male FEEDTHROUGH CONNECTOR
06/2021
CP30288 CLIFF-CP30288 Datasheet
462Kb / 1P
8K HDMI FEMALE - FEMALE FEEDTHROUGH CONNECTOR
05/2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com