Electronic Components Datasheet Search
  English  ▼

X  

CP30220M Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30220M
Description  CAT5e RJ45 FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30220M Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30220M Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
04/2022
.3
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
CAT5e RJ45 FEEDTHROUGH CONNECTOR
Material:
1. RJ45 In-Line Coupler: ABS UL94-V0
2. RJ45 In-Line Coupler Contact:
Phosphor Bronze, 3-50 micro inches
gold plating over nickel plate.
3. PCB: FR4
4. Frame: Polyamide UL94-V2
Performance:
1. T568A & T568B wiring.
2. Meet ISO/IEC 11801 and EN50173
3. Meet ANSI/TIA/EIA 568B.2
4. Rating 125VAC RMS 1.5A
5. Operating Temperatures: Min -10°C Max +60°C
General:
Please note: Functionality is affected by cable quality, length and
cable wiring configuration.
Other models available:
Part No.
CP30220
Cat5e RJ45 Black plastic frame, CSK holes
CP30220W
Cat5e RJ45 White plastic frame, CSK holes
CP30220M
Cat5e RJ45 Nickel plated metal frame, CSK holes
CP30220M3
Cat5e RJ45 Nickel plated metal frame, M3 holes
CP30220MB
Cat5e RJ45 Black metal frame, CSK holes
CP30220M3B
Cat5e RJ45 Black metal frame, M3 holes
CP30220X
Cat5e RJ45 Black plastic frame, PLAIN holes
CP30220XW
Cat5e RJ45 White plastic frame, PLAIN holes
Feedthrough Features
l
Fits standard XLR Ø24mm cutout.
l
No soldering or punch termination. Use standard cable for each connector style.
l
Front or rear mounted.
l
Low rear profile


Similar Part No. - CP30220M

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30220M3B CLIFF-CP30220M3B Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30220M3B CLIFF-CP30220M3B Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30220MB CLIFF-CP30220MB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30220MB CLIFF-CP30220MB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results

Similar Description - CP30220M

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-RJ45GFS-R ASSMANN-A-RJ45GFS-R Datasheet
346Kb / 1P
RJ45 SHIELDED CAT5E JACK
logo
ERNI Electronics
394744 ERNI-394744 Datasheet
157Kb / 1P
M12 - RJ45 CAT5e Assembly
logo
Tripp Lite. All Rights ...
N054024 TRIPPLITE-N054024 Datasheet
477Kb / 2P
24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet
N054-024 TRIPPLITE-N054-024 Datasheet
155Kb / 2P
24-Port 1U Rack-Mount Cat5e Feedthrough Patch Panel, RJ45 Ethernet, TAA
logo
Neutrik AG
NE8FF NEUTRIK-NE8FF Datasheet
66Kb / 3P
etherCON RJ45 feedthrough coupler for cable extensions
logo
Electronic Components L...
CP30217 CLIFF-CP30217 Datasheet
264Kb / 1P
TOSLINK FEEDTHROUGH CONNECTOR
05/2020
CP30220S CLIFF-CP30220S Datasheet
185Kb / 1P
CAT5e RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30222 CLIFF-CP30222 Datasheet
184Kb / 1P
CAT.6 RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30222S CLIFF-CP30222S Datasheet
181Kb / 1P
CAT.6 RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30225S CLIFF-CP30225S Datasheet
277Kb / 1P
CAT RJ45 FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com