Electronic Components Datasheet Search
  English  ▼

X  

CP30222SW Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30222SW
Description  CAT.6 RJ45 SHIELDED FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30222SW Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30222SW Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
©
04/2022
.4
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
CAT
RJ45
FEEDTHROUGH
.6
SHIELDED
CONNECTOR
Material:
1. RJ45 In-Line Coupler: ABS UL94-V0 Fully Shielded
2. RJ45 In-Line Coupler Contact:
Phosphor Bronze, 3-50 micro inches
gold plating over nickel plate.
3. PCB: FR4
4. Plastic Frame: Polyamide UL94 V-2
5. Metal Frame: Diecast, Black or Nickel plated
Performance:
1. T568A & T568B wiring.
2. Meet ISO/IEC 11801 and EN50173
3. Meet ANSI/TIA/EIA 568B.2
4. Rating: 125VAC RMS 1.5A
5. Operating Temperatures: Min -10°C Max +70°C
Other models available:
Part No.
CP30222S
Cat.6 RJ45 Shielded Black plastic frame, CSK holes
CP30222SW
Cat.6 RJ45 Shielded White plastic frame, CSK holes
CP30222SM
Cat.6 RJ45 Shielded Nickel plated metal frame, CSK holes
CP30222SM3
Cat.6 RJ45 Shielded Nickel plated metal frame, M3 holes
CP30222SMB Cat.6 RJ45 Shielded Black metal frame, CSK holes
CP30222SM3B Cat.6 RJ45 Shielded Black metal frame, M3 holes
CP30222SX
Cat.6 RJ45 Shielded Black plastic frame, PLAIN holes
CP30222SXW Cat.6 RJ45 Shielded White plastic frame, PLAIN holes
Feedthrough Features
l
Fits standard XLR Ø24mm cutout.
l
No soldering or punch termination. Use standard cable for
each connector style.
l
Front or rear mounted.
l
Low rear profile
General:
Please note: Functionality is affected by cable quality, length
and cable wiring configuration.


Similar Part No. - CP30222SW

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30222SM3B CLIFF-CP30222SM3B Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30222SM3B CLIFF-CP30222SM3B Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30222SMB CLIFF-CP30222SMB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30222SMB CLIFF-CP30222SMB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results

Similar Description - CP30222SW

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
17-101794 CONEC-17-101794 Datasheet
518Kb / 1P
RJ45 Plug Kit with shielded Cat. 5e RJ45 Plug Zinc Die-Cast Version
logo
Bel Fuse Inc.
39200-838 BEL-39200-838 Datasheet
211Kb / 1P
Hard Molded Boot For Cat 6 Shielded Plug
logo
Belden Inc.
E601001 BELDEN-E601001 Datasheet
220Kb / 1P
Cord Sets, DataTuff짰 Cat 6 IP20 RJ45 Cord Set, 1m
logo
Neutrik AG
NE8FDX-P6-B NEUTRIK-NE8FDX-P6-B Datasheet
95Kb / 2P
D-shape CAT6 panel connector, shielded, feedthrough, black housing
logo
IOGEAR
GH8201ER IOGEAR-GH8201ER Datasheet
136Kb / 2P
Cat 5e / Cat 6 Receiver with HDMI connector
logo
Infinite Electronics In...
TSP8048C5S-10PK L-COM-TSP8048C5S-10PK Datasheet
79Kb / 1P
CAT 6 SHIELDED MODULAR PLUG, RJ45 (8P8C), FOR LARGE OD CONDUCTORS
Rev. B
logo
Electronic Components L...
CP30220 CLIFF-CP30220 Datasheet
181Kb / 1P
CAT5e RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30220S CLIFF-CP30220S Datasheet
185Kb / 1P
CAT5e RJ45 SHIELDED FEEDTHROUGH CONNECTOR
04/2022
CP30222 CLIFF-CP30222 Datasheet
184Kb / 1P
CAT.6 RJ45 FEEDTHROUGH CONNECTOR
04/2022
CP30225S CLIFF-CP30225S Datasheet
277Kb / 1P
CAT RJ45 FEEDTHROUGH CONNECTOR
07/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com