Electronic Components Datasheet Search
  English  ▼

X  

CP30231M Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30231M
Description  RCA PHONO FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30231M Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30231M Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Redhill, Surrey
1 2
U.K.
RH
PF
www.cliffuk.co.uk
üRoHS
©
05/2020
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
RCA PHONO FEEDTHROUGH CONNECTOR
2. Plastic Frame: Polyamide UL94 V-2
3. Metal Frame: Diecast, Black or Nickel plated
1.Contacts: gold plating over nickel
Material:
CP30231M
White RCA Phono Nickel plated metal frame, CSK holes
CP30231
White RCA Phono Black plastic frame, CSK holes
CP30231MB
White RCA Phono Black metal frame, CSK holes
CP30231M3B
White RCA Phono Black metal frame, M3 holes
Part No.
CP30231M3
White RCA Phono Nickel plated metal frame, M3 holes
CP30231X
White RCA Phono Black plastic frame, PLAIN holes
General:
cable wiring configuration.
Other models available:
Please note: Functionality is affected by cable quality, length and
l
Low rear profile
l
No soldering or punch termination. Use standard cable for each connector style.
l
Front or rear mounted.
Feedthrough Features
l
Fits standard XLR Ø24mm cutout.


Similar Part No. - CP30231M

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30231M3B CLIFF-CP30231M3B Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30231M3B CLIFF-CP30231M3B Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30231MB CLIFF-CP30231MB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30231MB CLIFF-CP30231MB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results

Similar Description - CP30231M

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK302-2-R ASSMANN-AK302-2-R Datasheet
218Kb / 1P
RCA Cable - Phono Plug/Plug, 2.0M
logo
Neutrik AG
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
3 pole XLR female ??RCA / phono socket
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
NA2MPMF NEUTRIK-NA2MPMF Datasheet
51Kb / 2P
3 pole XLR male ??RCA / Phono socket
NA2MPMM NEUTRIK-NA2MPMM Datasheet
73Kb / 2P
3 pole XLR male ??RCA / phono plug
NA2BBNC-D4B NEUTRIK-NA2BBNC-D4B Datasheet
53Kb / 2P
BNC socket - RCA / phono socket, yellow coded
NA2BBNC-D9B NEUTRIK-NA2BBNC-D9B Datasheet
56Kb / 2P
BNC socket - RCA / phono socket, white coded
NA2M-D2B-TX NEUTRIK-NA2M-D2B-TX Datasheet
56Kb / 2P
Miniature transformer balancing adapter, 3 pole XLR male - RCA / phono, red coded
logo
Electronic Components L...
CP30230 CLIFF-CP30230 Datasheet
460Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
CP30232 CLIFF-CP30232 Datasheet
460Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com