Electronic Components Datasheet Search
  English  ▼

X  

CP30232X Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30232X
Description  RCA PHONO FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30232X Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30232X Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Redhill, Surrey
1 2
U.K.
RH
PF
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Cliff Electronic Components Limited,
www.cliffuk.co.uk
üRoHS
©
05/2020
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
RCA PHONO FEEDTHROUGH CONNECTOR
2. Plastic Frame: Polyamide UL94 V-2
3. Metal Frame: Diecast, Black or Nickel plated
Material:
1.Contacts: gold plating over nickel
Please note: Functionality is affected by cable quality, length and
General:
CP30232X
Yellow RCA Phono Black plastic frame, PLAIN holes
CP30232M3
Yellow RCA Phono Nickel plated metal frame, M3 holes
Part No.
CP30232M
Yellow RCA Phono Nickel plated metal frame, CSK holes
CP30232
Yellow RCA Phono Black plastic frame, CSK holes
CP30232MB
Yellow RCA Phono Black metal frame, CSK holes
CP30232M3B
Yellow RCA Phono Black metal frame, M3 holes
Other models available:
cable wiring configuration.
l
Fits standard XLR Ø24mm cutout.
l
No soldering or punch termination. Use standard cable for each connector style.
l
Front or rear mounted.
l
Low rear profile
Feedthrough Features


Similar Part No. - CP30232X

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30232M3B CLIFF-CP30232M3B Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30232M3B CLIFF-CP30232M3B Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30232MB CLIFF-CP30232MB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30232MB CLIFF-CP30232MB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results

Similar Description - CP30232X

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AK302-2-R ASSMANN-AK302-2-R Datasheet
218Kb / 1P
RCA Cable - Phono Plug/Plug, 2.0M
logo
Neutrik AG
NA2FPMF NEUTRIK-NA2FPMF Datasheet
51Kb / 2P
3 pole XLR female ??RCA / phono socket
NA2FPMM NEUTRIK-NA2FPMM Datasheet
75Kb / 2P
3 pole XLR female ??RCA / phono plug
NA2MPMF NEUTRIK-NA2MPMF Datasheet
51Kb / 2P
3 pole XLR male ??RCA / Phono socket
NA2MPMM NEUTRIK-NA2MPMM Datasheet
73Kb / 2P
3 pole XLR male ??RCA / phono plug
NA2BBNC-D4B NEUTRIK-NA2BBNC-D4B Datasheet
53Kb / 2P
BNC socket - RCA / phono socket, yellow coded
NA2BBNC-D9B NEUTRIK-NA2BBNC-D9B Datasheet
56Kb / 2P
BNC socket - RCA / phono socket, white coded
NA2M-D2B-TX NEUTRIK-NA2M-D2B-TX Datasheet
56Kb / 2P
Miniature transformer balancing adapter, 3 pole XLR male - RCA / phono, red coded
logo
Electronic Components L...
CP30230 CLIFF-CP30230 Datasheet
460Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
CP30231 CLIFF-CP30231 Datasheet
458Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com