Electronic Components Datasheet Search
  English  ▼

X  

CP30241MB Datasheet(PDF) 1 Page - Electronic Components Ltd.

Part # CP30241MB
Description  BLANK FEEDTHROUGH CONNECTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

CP30241MB Datasheet(HTML) 1 Page - Electronic Components Ltd.

  CP30241MB Datasheet HTML 1Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CLIFF
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
Redhill, Surrey
1 2
U.K.
RH
PF
Cliff Electronic Components Limited,
www.cliffuk.co.uk
üRoHS
©
05/2020
.1
CLIFF
ISS
For further information, contact sales@cliffuk.co.uk
BLANK FEEDTHROUGH CONNECTOR
1.Insert: ABS
3. Metal Frame: Diecast, Black or Nickel plated
2. Plastic Frame: Polyamide UL94 V-2
Material:
CP30241X
Blanking Plate Black plastic frame, PLAIN holes
Part No.
CP30241
Blanking Plate Black plastic frame, CSK holes
CP30241M
Blanking Plate Nickel plated metal frame, CSK holes
CP30241M3
Blanking Plate Nickel plated metal frame, M3 holes
Please note: Functionality is affected by cable quality, length and
General:
cable wiring configuration.
Other models available:
CP30241MB
Blanking Plate Black metal frame, CSK holes
CP30241M3B
Blanking Plate Black metal frame, M3 holes
Feedthrough Features
l
Fits standard XLR Ø24mm cutout.
l
No soldering or punch termination. Use standard cable for each connector style.
l
Front or rear mounted.
l
Low rear profile


Similar Part No. - CP30241MB

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
CP30241MB CLIFF-CP30241MB Datasheet
619Kb / 6P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
CP30241MB CLIFF-CP30241MB Datasheet
599Kb / 5P
BLACK METAL FEEDTHROUGH CONNECTORS FT Series
More results

Similar Description - CP30241MB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
180-043C GLENAIR-180-043C Datasheet
184Kb / 1P
Feedthrough Probe Connector for
180-049C GLENAIR-180-049C Datasheet
184Kb / 1P
Feedthrough Probe Connector
180-050C GLENAIR-180-050C Datasheet
175Kb / 1P
Feedthrough Probe Connector
logo
Electronic Components L...
CP30202 CLIFF-CP30202 Datasheet
258Kb / 1P
MINI DISPLAYPORT FEEDTHROUGH CONNECTOR
CP30217 CLIFF-CP30217 Datasheet
264Kb / 1P
TOSLINK FEEDTHROUGH CONNECTOR
05/2020
CP30218 CLIFF-CP30218 Datasheet
188Kb / 1P
ST FIBRE FEEDTHROUGH CONNECTOR
09/2022
CP30225S CLIFF-CP30225S Datasheet
277Kb / 1P
CAT RJ45 FEEDTHROUGH CONNECTOR
07/2020
CP30227 CLIFF-CP30227 Datasheet
389Kb / 1P
CAT6 IDC FEEDTHROUGH CONNECTOR
04/2020
CP30230 CLIFF-CP30230 Datasheet
460Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
CP30231 CLIFF-CP30231 Datasheet
458Kb / 1P
RCA PHONO FEEDTHROUGH CONNECTOR
05/2020
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com