Electronic Components Datasheet Search
  English  ▼

X  

XRP Datasheet(PDF) 2 Page - Electronic Components Ltd.

Part # XRP
Description  XRP CUSTOMIZABLE RECESSED SOCKET PLATES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLIFF [Electronic Components Ltd.]
Direct Link  https://www.cliffuk.co.uk/
Logo CLIFF - Electronic Components Ltd.

XRP Datasheet(HTML) 2 Page - Electronic Components Ltd.

  XRP Datasheet HTML 1Page - Electronic Components Ltd. XRP Datasheet HTML 2Page - Electronic Components Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CP30400
XRP12 PLASTIC PLATE CSK HOLE
CP30400X
XPR12 PLASTIC PLATE PLAIN HOLE
CP30400M
XRP12 METAL PLATE CSK HOLE
CP30400M3
XPR12 METAL PLATE M3 HOLE
CP30400MB
XRP12 BLACK METAL PLATE CSK HOLE
CP30400MB3 XPR12 BLACK METAL PLATE M3 HOLE
CLIFF
XRP CUSTOMIZABLE RECESSED
SOCKET PLATES
Cliff Electronic Components Limited,
76 Holmethorpe Avenue, Holmethorpe Ind. Estate,
Redhill, Surrey
1 2
U.K.
RH
PF
Tel: +44 (0)1737 771375 Fax: +44 (0)1737 766012
www.cliffuk.co.uk
üRoHS
For further information, contact sales@cliffuk.co.uk
XRP12 - 12mm RECESS PLATE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com