Electronic Components Datasheet Search
  English  ▼

X  

CPL59E Datasheet(PDF) 4 Page - Endress+Hauser Group Services AG

Part # CPL59E
Description  pH measurement for laboratory measurements and random sampling
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CPL59E Datasheet(HTML) 4 Page - Endress+Hauser Group Services AG

  CPL59E Datasheet HTML 1Page - Endress+Hauser Group Services AG CPL59E Datasheet HTML 2Page - Endress+Hauser Group Services AG CPL59E Datasheet HTML 3Page - Endress+Hauser Group Services AG CPL59E Datasheet HTML 4Page - Endress+Hauser Group Services AG CPL59E Datasheet HTML 5Page - Endress+Hauser Group Services AG CPL59E Datasheet HTML 6Page - Endress+Hauser Group Services AG CPL59E Datasheet HTML 7Page - Endress+Hauser Group Services AG CPL59E Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Memosens CPL59E
4
Endress+Hauser
Weight
40 g (1.4 oz)
Materials
Sensor shaft
Glass
Metal lead
Ag/AgCl
Nameplate
Ceramic metal oxide
Junction
PTFE
Temperature sensor
NTC 30K
Plug-in head
Memosens laboratory plug-in head for digital, non-contact data transmission
Process connections
Pg 13.5
Accessories
The following are the most important accessories available at the time this documentation was
issued.
‣ For accessories not listed here, please contact your Service or Sales Center.
Device-specific accessories
Memosens data cable CYK10
• For digital sensors with Memosens technology
• Product Configurator on the product page: www.endress.com/cyk10
Technical Information TI00118C
Memosens laboratory cable CYK20
• For digital sensors with Memosens technology
• Product Configurator on the product page: www.endress.com/cyk20
Liquiline Mobile CML18
• Multiparameter mobile device for laboratory and field
• Reliable transmitter with display and app connection
• Product Configurator on the product page: www.endress.com/CML18
Operating Instructions BA02002C
Memobase Plus CYZ71D
• PC software to support laboratory calibration
• Visualization and documentation of sensor management
• Sensor calibrations stored in database
• Product Configurator on the product page: www.endress.com/cyz71d
Technical Information TI00502C
High-quality buffer solutions from Endress+Hauser - CPY20
The secondary buffer solutions have been referenced to primary reference material of the PTB
(German Federal Physico-technical Institute) or to standard reference material of NIST (National
Institute of Standards and Technology) according to DIN 19266 by a laboratory accredited by the
DAkkS (German accreditation body) according to DIN 17025.
Product Configurator on the product page: www.endress.com/cpy20



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com