Electronic Components Datasheet Search
  English  ▼

X  

X9420WS16I Datasheet(PDF) 1 Page - Intersil Corporation

Part # X9420WS16I
Description  Single Digitally Controlled Potentiometer
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9420WS16I Datasheet(HTML) 1 Page - Intersil Corporation

  X9420WS16I Datasheet HTML 1Page - Intersil Corporation X9420WS16I Datasheet HTML 2Page - Intersil Corporation X9420WS16I Datasheet HTML 3Page - Intersil Corporation X9420WS16I Datasheet HTML 4Page - Intersil Corporation X9420WS16I Datasheet HTML 5Page - Intersil Corporation X9420WS16I Datasheet HTML 6Page - Intersil Corporation X9420WS16I Datasheet HTML 7Page - Intersil Corporation X9420WS16I Datasheet HTML 8Page - Intersil Corporation X9420WS16I Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
®
X9420
Low Noise/Low Power/SPI Bus
Single Digitally Controlled (XDCP™)
Potentiometer
FEATURES
• Solid-State Potentiometer
• SPI Serial Interface
• Register Oriented Format
—Direct read/write/transfer wiper positions
—Store as many as four positions per
potentiometer
• Power Supplies
—VCC = 2.7V to 5.5V
—V+ = 2.7V to 5.5V
—V– = -2.7V to -5.5V
• Low Power CMOS
—Standby current < 1µA
• High Reliability
—Endurance–100,000 data changes per bit per
register
—Register data retention–100 years
• 8-bytes of Nonvolatile EEPROM Memory
•10k
Ω or 2.5kΩ Resistor Arrays
• Resolution: 64 Taps Each Pot
• 14 Ld TSSOP and 16 Ld SOIC Packages
• Pb-Free Plus Anneal Available (RoHS Compliant)
DESCRIPTION
The X9420 integrates a single digitally controlled
potentiometers (XDCP) on a monolithic CMOS
integrated microcircuit.
The digitally controlled potentiometer is implemented
using 63 resistive elements in a series array. Between
each element are tap points connected to the wiper
terminal through switches. The position of the wiper on
the array is controlled by the user through the SPI bus
interface. The potentiometer has associated with it a
volatile Wiper Counter Register (WCR) and 4
nonvolatile Data Registers (DR0:DR3) that can be
directly written to and read by the user. The contents
of the WCR controls the position of the wiper on the
resistor array through the switches. Power-up recalls
the contents of DR0 to the WCR.
The XDCP can be used as a three-terminal
potentiometer or as a two-terminal variable resistor in
a wide variety of applications including control,
parameter adjustments, and signal processing.
BLOCK DIAGRAM
R0 R1
R2 R3
Wiper
Counter
Register
(WCR)
Interface
and
Control
Circuitry
HOLD
CS
SI
A0
VH/RH
VL/RL
Data
8
VW/RW
SCK
S0
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
XDCP is a trademark of Intersil Americas Inc. Copyright Intersil Americas Inc. 2005, 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
Data Sheet
FN8195.1
April 26, 2006
NOT
RECO
MME
NDED
FOR
NEW
DESI
GNS
POSS
IBLE
SUBS
TITUT
E PR
ODU
CT
ISL22
416,
ISL22
419, I
SL95
311,
ISL95
711


Similar Part No. - X9420WS16I

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
X9420WS16I RENESAS-X9420WS16I Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9420WS16I-2.7 RENESAS-X9420WS16I-2.7 Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9420WS16IZ RENESAS-X9420WS16IZ Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
X9420WS16IZ-2.7 RENESAS-X9420WS16IZ-2.7 Datasheet
766Kb / 19P
Low Noise/Low Power/SPI Bus Single Digitally Controlled (XDCP?? Potentiometer
More results

Similar Description - X9420WS16I

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X9111 XICOR-X9111 Datasheet
156Kb / 21P
Single Digitally-Controlled Potentiometer
logo
Intersil Corporation
X9428 INTERSIL-X9428 Datasheet
349Kb / 20P
Single Digitally Controlled Potentiometer
March 8, 2005
X9015 INTERSIL-X9015_06 Datasheet
244Kb / 11P
Single Digitally Controlled Potentiometer
August 31, 2006
X9428 INTERSIL-X9428_06 Datasheet
315Kb / 21P
Single Digitally Controlled Potentiometer
April 26, 2006
X9110TV14 INTERSIL-X9110TV14 Datasheet
309Kb / 18P
Single Digitally-Controlled Potentiometer
February 13, 2008
X9118TV14IZ INTERSIL-X9118TV14IZ Datasheet
400Kb / 17P
Single Digitally-Controlled Potentiometer
April 9, 2014
X9119TV14I INTERSIL-X9119TV14I Datasheet
284Kb / 17P
Single Digitally-Controlled Potentiometer
July 9, 2008
X9271UV14IZ INTERSIL-X9271UV14IZ Datasheet
523Kb / 18P
Single, Digitally Controlled Potentiometer
July 18, 2014
X9314WSIZ INTERSIL-X9314WSIZ Datasheet
222Kb / 8P
Single Digitally Controlled Potentiometer
July 24, 2014
X9429WS16 INTERSIL-X9429WS16 Datasheet
320Kb / 20P
Single Digitally Controlled Potentiometer
October 13, 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com