| Electronic Components Datasheet Search |
|
DM54LS73A Datasheet(PDF) 1 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM54LS73A Datasheet(HTML) 1 Page - National Semiconductor (TI) |
|
1 / 6 page ![]() TLF6372 June 1989 DM54LS73ADM74LS73A Dual Negative-Edge-Triggered Master-Slave J-K Flip-Flops with Clear and Complementary Outputs General Description This device contains two independent negative-edge-trig- gered J-K flip-flops with complementary outputs The J and K data is processed by the flip-flops on the falling edge of the clock pulse The clock triggering occurs at a voltage level and is not directly related to the transition time of the negative going edge of the clock pulse The data on the J and K inputs is allowed to change while the clock is high or low without affecting the outputs as long as setup and hold times are not violated A low logic level on the clear input will reset the outputs regardless of the levels of the other inputs Connection Diagram Dual-In-Line Package TLF6372 – 1 Order Number DM54LS73AJ DM54LS73AW DM74LS73AM or DM74LS73AN See NS Package Number J14A M14A N14A or W14B Function Table Inputs Outputs CLR CLK J K Q Q LX X X L H H v LL Q0 Q0 H v HL H L H v LH L H H v H H Toggle HH X X Q0 Q0 H e High Logic Level L e Low Logic Level X e Either Low or High Logic Level v e Negative going edge of pulse Q0 e The output logic level before the indicated input conditions were es- tablished Toggle e Each output changes to the complement of its previous level on each falling edge of the clock pulse C1995 National Semiconductor Corporation RRD-B30M105Printed in U S A |
Similar Part No. - DM54LS73A_89 |
|
Similar Description - DM54LS73A_89 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |