Electronic Components Datasheet Search
  English  ▼

X  

MMBT3904 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MMBT3904
Description  NPN General Purpose Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MMBT3904 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MMBT3904 Datasheet HTML 1Page - National Semiconductor (TI) MMBT3904 Datasheet HTML 2Page - National Semiconductor (TI) MMBT3904 Datasheet HTML 3Page - National Semiconductor (TI) MMBT3904 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
NPN General Purpose Amplifier
(continued)
Electrical Characteristics
TA = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
IC = 10 mA, IB = 040V
V(BR)CBO
Collector-Base Breakdown Voltage
IC = 10
µA, I
E = 0
60
V
V(BR)EBO
Emitter-Base Breakdown Voltage
IE = 10
µA, I
C = 0
6.0
V
IBL
Base Cutoff Current
VCE = 30 V, VEB = 0
50
nA
ICEX
Collector Cutoff Current
VCE = 30 V, VEB = 0
50
nA
OFF CHARACTERISTICS
ON CHARACTERISTICS*
SMALL SIGNAL CHARACTERISTICS
SWITCHING CHARACTERISTICS (except MMPQ3904)
*Pulse Test: Pulse Width ≤ 300 µs, Duty Cycle ≤ 2.0%
NPN (Is=6.734f Xti=3 Eg=1.11 Vaf=74.03 Bf=416.4 Ne=1.259 Ise=6.734 Ikf=66.78m Xtb=1.5 Br=.7371 Nc=2
Isc=0 Ikr=0 Rc=1 Cjc=3.638p Mjc=.3085 Vjc=.75 Fc=.5 Cje=4.493p Mje=.2593 Vje=.75 Tr=239.5n Tf=301.2p
Itf=.4 Vtf=4 Xtf=2 Rb=10)
Spice Model
fT
Current Gain - Bandwidth Product
IC = 10 mA, VCE = 20 V,
f = 100 MHz
300
MHz
Cobo
Output Capacitance
VCB = 5.0 V, IE = 0,
f = 1.0 MHz
4.0
pF
Cibo
Input Capacitance
VEB = 0.5 V, IC = 0,
f = 1.0 MHz
8.0
pF
NF
Noise Figure (except MMPQ3904)
IC = 100
µA, V
CE = 5.0 V,
RS =1.0k
Ω, f=10 Hz to 15.7 kHz
5.0
dB
td
Delay Time
VCC = 3.0 V, VBE = 0.5 V,
35
ns
tr
Rise Time
IC = 10 mA, IB1 = 1.0 mA
35
ns
ts
Storage Time
VCC = 3.0 V, IC = 10mA
200
ns
tf
Fall Time
IB1 = IB2 = 1.0 mA
50
ns
hFE
DC Current Gain
IC = 0.1 mA, VCE = 1.0 V
IC = 1.0 mA, VCE = 1.0 V
IC = 10 mA, VCE = 1.0 V
IC = 50 mA, VCE = 1.0 V
IC = 100 mA, VCE = 1.0 V
40
70
100
60
30
300
VCE(sat)
Collector-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.2
0.3
V
V
VBE(sat)
Base-Emitter Saturation Voltage
IC = 10 mA, IB = 1.0 mA
IC = 50 mA, IB = 5.0 mA
0.65
0.85
0.95
V
V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com