Electronic Components Datasheet Search
  English  ▼

X  

PD64004A Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PD64004A
Description  4-port PoE PSE Manager
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PD64004A Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PD64004A Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
PD64004A
4-port PoE PSE Manager
www.powerdsine.com
©
©
©
©
PowerDsine 2007
Information in this document subject
March 2007
to change without prior notice.
1
This document contains information that is proprietary to PowerDsine. As such, it is confidential and its disclosure is strictly prohibited by applicable law. If you and/or your company and PowerDsine
have executed a Non-Disclosure Agreement, then this document is being provided in connection with the Agreement, and the information contained herein is covered by the Agreement and under its
terms may not be disclosed or used and must be protected by you and/or your company.
PD64004A is a four-port, mixed-signal, high-voltage Power over Ethernet PSE Manager. The IC
allows the detection of IEEE 802.3af-2003 powered devices, ensuring safe power feeding and
removal over Ethernet ports. With full digital control via a serial communication interface and a
minimum of external components, the IC integrates in multi-port and highly populated Ethernet
switches.
The PD64004A has three possible working configurations: an Automatic stand-alone mode, for basic PoE
functions, the PoE+ Mode supporting legacy devices and autonomous operation with the PD33000G MCU and an
Enhanced mode, for extended functions and added flexibility with the PD63000G and PD83000G MCU’s.
Features
Benefits
IEEE 802.3af-2003
Compliant with IEEE 802.3af and pre-standard
PD’s
4-ports standalone PoE control
Power classification with bypass option
AC disconnect
DC disconnect with DC modulation
Supports RFC3621
Freedom to power all PoE PD’s including
Cisco’s inline power
Highest integration on the market,
enabling the lowest real-estate occupation
Reliable and simple AC implementation
Supports low power devices
Enables integration in Managed Switches
Architecture
I
2C or UART host interface
7-bit I
2C address selectability
Opto-coupler compatible communication lines
Up to 88 ports operating autonomously
Backwards compatible with all PD64008-
based message based user interface
Up to 1528 ports on a switch
Can be used with PD64012G
Technology
Best-in-industry integration
Single operating voltage source (44 to 57V)
80V SmartMOS8 technology
-40
oC to +85oC operating ambient temperature
QFN-48-PS package, ROHS compliant
Minimum per port external components
No need for external DC/DC converter
Power, high-voltage analog and high-
density digital logic functions
Fit for industrial applications
System Enhancement
Per-IC soft start mechanism
System-wide inrush protection
Internal voltages monitoring and auto reset
mechanism (Power-On_Reset)
Over-voltage and under-voltage protection/lock-
out
Dynamic Power Management
Emergency Power Management (Enhanced
Mode)
Support for 4-pairs High power architecture
(Enhanced Mode)
Maskeable Interrupt
Programmable port matrix (Enhanced mode)
LED streaming (Enhanced) or driving (PoE+)
Temperature sense/monitoring
Minimal power supply stress and EMI
noises
Power management based on power
allocation and priority map, on class value
or on both, provides full flexibility and
optimal power supply usage
Prioritization of ports in case of power
reduction
Used for power supply failure conditions
Capable of powering of up to 31W over 4-
pairs
Logical to physical port map
User can receive interrupts on status or
have automatic/direct LED driving
Enables system monitoring
Per port thermal protection, including PCB
protection
© 2007 PowerDsine Ltd.
All rights reserved.
PowerDsine is a registered trademark of PowerDsine LTD. All other products or trademarks are property of their respective owners. The product
described by this manual is a licensed product of PowerDsine.


Similar Part No. - PD64004A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
4-PORT HPoE PSE MANAGER
PD64004AH MICROSEMI-PD64004AH Datasheet
759Kb / 19P
4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
More results

Similar Description - PD64004A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
4-PORT HPoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
12-PORT HPoE PSE MANAGER
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4292 LINER-LTC4292 Datasheet
545Kb / 4P
4-Port IEEE 802.3bt PoE PSE Controller
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
logo
Analog Devices
LTC4291-1 AD-LTC4291-1 Datasheet
1Mb / 40P
4-Port IEEE 802.3bt PoE PSE Controller
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com