Electronic Components Datasheet Search
  English  ▼

X  

50F2D331KB7 Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # 50F2D331KB7
Description  POLYESTER FILM CAPACITORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

50F2D331KB7 Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  50F2D331KB7 Datasheet HTML 1Page - RUBYCON CORPORATION 50F2D331KB7 Datasheet HTML 2Page - RUBYCON CORPORATION 50F2D331KB7 Datasheet HTML 3Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OUTLINE
(mm)
SPECIFICATIONS
0.01max at 1kHz
30000MΩmin
JIS C 5101-11, JIS C 5101-1
50VDC, 100VDC, 200VDC
Category temperature
Rated voltage (UR)
Voltage proof
nsulation resistance
Reference standard
Capacitance tolerance
an
δ
(Derate the voltage as shown in the Fig2 at P239 when using the capacitor beyond 85°
C.)
PART NUMBER
Rated Voltage
F2D
Series
Sub mark
Suffix
Rated capacitance
Tolerance
FEATURES
• Small and light.
• Thin coating makes it suitable for automatic insertion.
• RoHS compliance.
Blank
B7
Style A,B
Style S
Symbol
50
100
200
UR
50VDC
100VDC
200VDC
Symbol
J
K
Tolerance
Symbol
Blank
B7
TV
TF
TS
Lead style
Long lead type
Lead forming cut
LS=5.0
Style A, Ammo pack
P=12.7 Po=12.7 LS=5.0
Style B, Ammo pack
P=15.0 Po=15.0 LS=5.0
Style S, Ammo pack
P=12.7 Po=12.7
UR 200
% 60s
5%
10%
-40°C∼+105°C
5%(J),
10%(K)
+
-
+
-
+
-
+
-
×
POLYESTER FILM CAPACITORS
F2D
SERIES
F2D


Similar Part No. - 50F2D331KB7

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50F-001 JFW-50F-001 Datasheet
26Kb / 1P
FIXED ATTENUATOR KIT
50F-001 JFW-50F-001 Datasheet
26Kb / 1P
FIXED ATTENUATOR KIT
50F-002 JFW-50F-002 Datasheet
26Kb / 1P
FIXED ATTENUATOR KIT
50F-002 JFW-50F-002 Datasheet
26Kb / 1P
FIXED ATTENUATOR KIT
50F-003 JFW-50F-003 Datasheet
26Kb / 1P
FIXED ATTENUATOR KIT
More results

Similar Description - 50F2D331KB7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DMM1P15K-F ETC2-DMM1P15K-F Datasheet
205Kb / 2P
Polyester Film Capacitors
DMMAAS47K-F ETC2-DMMAAS47K-F Datasheet
184Kb / 2P
Polyester Film Capacitors
DMT1D1K-F ETC2-DMT1D1K-F Datasheet
375Kb / 3P
Polyester Film Capacitors
logo
Cornell Dubilier Electr...
MMP1P15K-F CDE-MMP1P15K-F Datasheet
207Kb / 2P
Polyester Film Capacitors
MMWA05P1K-F CDE-MMWA05P1K-F Datasheet
520Kb / 2P
Polyester Film Capacitors
WMF05S82K-F CDE-WMF05S82K-F Datasheet
185Kb / 2P
Polyester Film Capacitors
logo
MERITEK ELECTRONICS COR...
PEI MERITEK-PEI Datasheet
122Kb / 1P
Polyester Film Capacitors
PEN MERITEK-PEN Datasheet
106Kb / 1P
Polyester Film Capacitors
logo
RUBYCON CORPORATION
F2D RUBYCON-F2D_15 Datasheet
188Kb / 2P
POLYESTER FILM CAPACITORS
logo
Cornell Dubilier Electr...
WMF CDE-WMF_18 Datasheet
270Kb / 4P
Polyester Film Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com