Electronic Components Datasheet Search
  English  ▼

X  

CLS19 Datasheet(PDF) 3 Page - Endress+Hauser Group Services AG

Part # CLS19
Description  Conductivity sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EH [Endress+Hauser Group Services AG]
Direct Link  https://www.endress.com/
Logo EH - Endress+Hauser Group Services AG

CLS19 Datasheet(HTML) 3 Page - Endress+Hauser Group Services AG

  CLS19 Datasheet HTML 1Page - Endress+Hauser Group Services AG CLS19 Datasheet HTML 2Page - Endress+Hauser Group Services AG CLS19 Datasheet HTML 3Page - Endress+Hauser Group Services AG CLS19 Datasheet HTML 4Page - Endress+Hauser Group Services AG CLS19 Datasheet HTML 5Page - Endress+Hauser Group Services AG CLS19 Datasheet HTML 6Page - Endress+Hauser Group Services AG CLS19 Datasheet HTML 7Page - Endress+Hauser Group Services AG CLS19 Datasheet HTML 8Page - Endress+Hauser Group Services AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Condumax CLS19
Endress+Hauser
3
Input
Measured variables
• Conductivity
• Temperature
Measuring ranges
Conductivity
(in relation to water at 25 °C (77 °F))
CLS19 -A
0.04 to 20 μS/cm
CLS19 -B
0.10 to 200 μS/cm
Temperature
Power supply
Electrical connection
The sensor is connected via the fixed cable or via the measuring cable CYK71 with a shield. The
wiring diagram is provided in the Operating Instructions of the transmitter used.
GN/YE
3
YE
GN
BK
WH
2
BN
GY
1
n.c.
A0044785
 3
Measuring cable CYK71
1
Coax BK, shield (outer electrode)
2
Coax, inner, conductivity (inner electrode)
Pt100 Temperature
3
Outer shield, pay attention to the wiring diagram of the transmitter
n.c.
Do not connect
A VMB junction box and another CYK71 cable are required for the cable extension.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com