Electronic Components Datasheet Search
  English  ▼

X  

TLDR4401 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLDR4401
Description  High Intensity LED, ∅ 3 mm Tinted Diffused
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLDR4401 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLDR4401 Datasheet HTML 1Page - Vishay Siliconix TLDR4401 Datasheet HTML 2Page - Vishay Siliconix TLDR4401 Datasheet HTML 3Page - Vishay Siliconix TLDR4401 Datasheet HTML 4Page - Vishay Siliconix TLDR4401 Datasheet HTML 5Page - Vishay Siliconix TLDR4401 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
VISHAY
TLDR440.
Document Number 83001
Rev. 1.4, 30-Aug-04
Vishay Semiconductors
www.vishay.com
3
Figure 3. Forward Current vs. Pulse Length
Figure 4. Rel. Luminous Intensity vs. Angular Displacement
Figure 5.
0.02
0.05
0.1
0.2
1
0.5
ı
t p/T= 0.01
Tamb
65
°C
≤
0.01
0.1
1
10
1
10
100
1000
10000
t p - Pulse Length ( ms )
100
95 10047
0.4
0.2
0
0.2
0.4
0.6
95 10020
0.6
0.9
0.8
0°°
°
30°
10
20
40°
50°
60°
70°
80°
0.7
1.0
1
10
100
95 10014
1
1.5
2
2.5
3
VF - Forward Voltage(V)
Red
Figure 6. Rel. Luminous Intensity vs. Ambient Temperature
Figure 7. Rel. Lumin. Intensity vs. Forw. Current/Duty Cycle
Figure 8. Relative Luminous Intensity vs. Forward Current
0
95 10015
20
40
60
80
100
Tamb- Ambient Temperature (°C)
0
0.4
0.8
1.2
1.6
2.0
Red
10
20
50
100
200
0
0.4
0.8
1.2
1.6
2.4
95 10262
500
0.5
0.2
0.1
0.05
0.02
1
IF (mA)
t p/T
2.0
Red
IFAV = 10 mA, const.
10
0.1
1
0.01
0.1
1
10
100
95 10016
IF - Forward Current ( mA )
Red



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com