Electronic Components Datasheet Search
  English  ▼

X  

HT8KC5 Datasheet(PDF) 1 Page - Rohm

Part # HT8KC5
Description  60V NchNch Power MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

HT8KC5 Datasheet(HTML) 1 Page - Rohm

  HT8KC5 Datasheet HTML 1Page - Rohm HT8KC5 Datasheet HTML 2Page - Rohm HT8KC5 Datasheet HTML 3Page - Rohm HT8KC5 Datasheet HTML 4Page - Rohm HT8KC5 Datasheet HTML 5Page - Rohm HT8KC5 Datasheet HTML 6Page - Rohm HT8KC5 Datasheet HTML 7Page - Rohm HT8KC5 Datasheet HTML 8Page - Rohm HT8KC5 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HT8KC5
60V Nch+Nch Power MOSFET
Datasheet
l
lOutline
VDSS
60V
RDS(on)(Max.)
90mΩ
ID
±10A
HSMT8
PD
13W
l
lFeatures
l
lInner circuit
1) Low on - resistance
2) High Power small mold Package (HSMT8)
3) Pb-free plating ; RoHS compliant
4) Halogen Free
l
lPackaging specifications
Type
Packing
Embossed
Tape
l
lApplication
Reel size (mm)
330
Switching
Tape width (mm)
12
Quantity (pcs)
3000
Taping code
TB1
Marking
HT8KC5
l
lAbsolute maximum ratings (Ta = 25°C ,unless otherwise specified) <Tr1 and Tr2>
Parameter
Symbol
Value
Unit
Drain - Source voltage
VDSS
60
V
Continuous drain current
Tc = 25°C
ID*1
±10
A
Ta = 25°C
ID
±3.5
A
Pulsed drain current
IDP*2
±14
A
Gate - Source voltage
VGSS
±20
V
Avalanche current, single pulse
IAS*3
3.5
A
Avalanche energy, single pulse
EAS*3
1.0
mJ
Power dissipation (total)
PD*1
13
W
PD*4
2.0
Junction temperature
Tj
150
℃
Operating junction and storage temperature range
Tstg
-55 to +150
℃
www.rohm.com
© 2023 ROHM Co., Ltd. All rights reserved.
1/11
20230302 - Rev.002


Similar Part No. - HT8KC5

ManufacturerPart #DatasheetDescription
logo
Rohm
HT8KC6 ROHM-HT8KC6 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230328 - Rev.001
More results

Similar Description - HT8KC5

ManufacturerPart #DatasheetDescription
logo
Rohm
RSD221N06 ROHM-RSD221N06 Datasheet
706Kb / 13P
Nch 60V 22A Power MOSFET
RSD221N06FRA ROHM-RSD221N06FRA Datasheet
517Kb / 16P
Nch 60V 22A Power MOSFET
SP8K32FRA ROHM-SP8K32FRA Datasheet
2Mb / 14P
60V NchNch Power MOSFET
SH8KC6 ROHM-SH8KC6 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
SH8KC7 ROHM-SH8KC7 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
QH8KC6 ROHM-QH8KC6 Datasheet
2Mb / 14P
60V NchNch Small Signal MOSFET
SH8K39 ROHM-SH8K39 Datasheet
1Mb / 14P
60V NchNch Power MOSFET
20190624 - Rev.004
HP8KC6 ROHM-HP8KC6 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230313 - Rev.002
HP8KC7 ROHM-HP8KC7 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230328 - Rev.001
HT8KC6 ROHM-HT8KC6 Datasheet
2Mb / 14P
60V NchNch Power MOSFET
20230328 - Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com