Electronic Components Datasheet Search
  English  ▼

X  

EE03 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE03
Description  Humidity and Temperature Module with Digital Interface
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE03 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE03 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE03 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
EE03
v1.5 / Modification rights reserved
www.epluse.com
14
0.55
26
1.02
Dimensions
Values in mm/inch
Order Example
EE03-M1TG6C1
Model:
RH + T
Mounting:
With adhesive film
Sensing element protection: With E+E proprietary coating
With mounting set HA010206
Surface mount
with adhesive layer
Option TG6
Thermal conducting
adhesive film
- E2-RS232 converter for test purposes
HA011002
- EE03 mounting set
HA010206
- Connection cable 2 m (6.6 ft)
HA010307
5 m (16.4 ft)
HA010308
Accessories
E2 - RS232 test converter
Ordering Guide
EE03-
Model
RH + T
M1
Mounting
Standard
no code
With adhesive film
TG6
Sensing element protection
Without
no code
With E+E proprietary coating
C1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com