Electronic Components Datasheet Search
  English  ▼

X  

EE072 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE072
Description  Humidity and Temperature Probe with Digital Interface
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE072 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE072 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE072 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE072 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE072 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE072 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE072 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE072 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H EE072 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H EE072 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet EE072
v2.7 / Modification rights reserved | 2
EE072
The EE072 probe meets the highest requirements of demanding process and climate control applications such as in
agriculture, life stock, food, pharma, clean rooms, outdoor, artificial snow machines and transportation. Besides the
measurement of relative humidity (RH) and temperature (T) the EE072 calculates all other humidity related parameters.
Measurement Performance
The high-end E+E humidity sensing element manufactured in state-of-the-art thin film technology stands for outstanding
measurement accuracy.
Long-Term Stability
The E+E proprietary coating protects the sensing element against corrosive and electrically conductive pollution. The
combination of robust sensing head and fully encapsulated electronics leads to outstanding performance even in harsh
and condensing environment.
Versatile and Reliable
With its IP65 stainless steel or polycarbonate enclosure and the wide choice of filter caps, the EE072 tackles even
challenging industrial applications.
Easy Installation
The M12x1 connector and the standard-compliant digital communication via Modbus RTU or CANopen facilitate the
design-in of the sensor and minimize installation costs.
Configurable and Adjustable
The setup and adjustment of the EE072 can be easily performed with an optional adapter and the free PCS10 Product
Configuration Software.
Humidity and Temperature Probe with Digital Interface
EE072 with polycarbonate enclosure and membrane filter
EE072 with stainless steel enclosure and stainless steel
sintered filter



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com