Electronic Components Datasheet Search
  English  ▼

X  

X9C102PI Datasheet(PDF) 5 Page - Intersil Corporation

Part # X9C102PI
Description  Digitally Controlled Potentiometer
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

X9C102PI Datasheet(HTML) 5 Page - Intersil Corporation

  X9C102PI Datasheet HTML 1Page - Intersil Corporation X9C102PI Datasheet HTML 2Page - Intersil Corporation X9C102PI Datasheet HTML 3Page - Intersil Corporation X9C102PI Datasheet HTML 4Page - Intersil Corporation X9C102PI Datasheet HTML 5Page - Intersil Corporation X9C102PI Datasheet HTML 6Page - Intersil Corporation X9C102PI Datasheet HTML 7Page - Intersil Corporation X9C102PI Datasheet HTML 8Page - Intersil Corporation X9C102PI Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
FN8222.1
December 20, 2006
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
ENDURANCE AND DATA RETENTION
A.C. CONDITIONS OF TEST
Symbol
Parameter
Limits
Unit
Test Conditions
Min. Typ.(4)
Max.
ICC
VCC active current
1
3
mA
CS = VIL, U/D = VIL or VIH and
INC = 0.4V to 2.4V @ max. tCYC
ISB
Standby supply current
200
750
µA
CS = VCC - 0.3V, U/D and INC = VSS
or VCC -0.3V
ILI
CS, INC, U/D input leakage
current
±10
µA
VIN = VSS to VCC
VIH
CS, INC, U/D input HIGH
voltage
2V
VIL
CS, INC, U/D input LOW
voltage
0.8
V
CIN(5)
CS, INC, U/D input
capacitance
10
pF
VCC = 5V, VIN = VSS, TA = 25°C, f = 1MHz
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
years
Input pulse levels
0V to 3V
Input rise and fall times
10ns
Input reference levels
1.5V
Test Circuit #1
Test Circuit #2
Test Circuit #3
Test Point
VW/RW
VR/RH
VS
VL/RL
Force
Current
VH/RH
Test Point
VW/RW
VL/RL
RH
CH
10pF
CW
RL
CL
RW
RTOTAL
25pF
10pF
Macro Model
X9C102, X9C103, X9C104, X9C503



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com