Electronic Components Datasheet Search
  English  ▼

X  

EE441 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # EE441
Description  Strap-on Temperature Sensor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

EE441 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  EE441 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H EE441 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Datasheet EE441
v1.7 / Modification rights reserved | 2
EE441
The EE441 strap-on sensor measures reliably the temperature (T) on round ducts and pipes and is optimized for heating
systems (warm and cold water pipes) or solar collectors.
Passive Output
The EE441 features a wide choice of sensing elements for passive temperature measurement.
Easy Installation
The compact enclosure and the stainless steel hose clamp allows quick and easy installation on pipes with a diameter of
25 to 175 mm (0.98"…6.89").
Strap-on Temperature Sensor
EE441 with passive output



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com