Electronic Components Datasheet Search
  English  ▼

X  

HC103M2 Datasheet(PDF) 2 Page - E+E Elektronik Ges.m.b.H

Part # HC103M2
Description  Very Fast Humidity Sensor for Radiosondes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HC103M2 Datasheet(HTML) 2 Page - E+E Elektronik Ges.m.b.H

  HC103M2 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HC103M2 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.epluse.com
v1.4 / Modification rights reserved
HC103M2
Mounting Instructions
For shortest response time, in case of mounting onto a printed
circuit board (PCB), HC103M2 shall be positioned over an
opening to allow enough air circulation around the sensor.
For best accuracy it is important to avoid moisture accumulation
such as at the edge of the PCB by selecting appropriate board
material or gold-plating the edge of the opening.
Please refer to the HC103M2 Handling Instructions at
www.epluse.com/hc103m2.
5.6
contact area
2.5
Ordering Guide
Order Example
HC103M2-TR1
Type:
HC103M2
Packaging: 1000 sensors
TYPE
TAPE AND REEL PACKAGING
HC103M2
HC103M2 500 sensors
TR0,5
1000 sensors
TR1
2500 sensors
TR2,5
For high accuracy requirements, the characteristic is described by the following polynomial:
C(RH) = C0 * [1 + HC0 * RH + K(RH)]
whereby:
K(RH) = A1*RH+A2*RH1.5+A3*RH2+A4*RH2.5
A1 = 2.6657*10-3
A2 = -9.6134*10-4
A3 = 1.1272*10-4
A4 = -4.3*10-6
Assembling and Soldering
HC103M2 is an SMD (surface mounted device) sensor, appropriate for automatic assembling with
subsequent reflow soldering. Please refer to the Handling Instructions at www.epluse.com/hc103m2.
2



Html Pages

1 2