Electronic Components Datasheet Search
  English  ▼

X  

HTS801 Datasheet(PDF) 4 Page - E+E Elektronik Ges.m.b.H

Part # HTS801
Description  Humidity and Temperature Sensor for High Humidity and Chemically Polluted Conditions
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HTS801 Datasheet(HTML) 4 Page - E+E Elektronik Ges.m.b.H

  HTS801 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HTS801 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HTS801 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HTS801 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HTS801 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H HTS801 Datasheet HTML 6Page - E+E Elektronik Ges.m.b.H HTS801 Datasheet HTML 7Page - E+E Elektronik Ges.m.b.H HTS801 Datasheet HTML 8Page - E+E Elektronik Ges.m.b.H HTS801 Datasheet HTML 9Page - E+E Elektronik Ges.m.b.H Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Datasheet HTS801
v1.0 / Modification rights reserved | 4
Features
The E+E proprietary sensor coating is a protective layer applied to the sensing elements, their leads and soldering
points. The coating substantially extends sensor lifetime and ensures optimal measurement performance in corrosive
environment (salts, off-shore applications). Additionally, it improves the long term stability in dusty, dirty or oily applications
by preventing stray impedance caused by deposits on the active sensor surface or on the electrical connections.
Protective Sensor Coating
Automatic ReCovery (ARC) is available for all HTS801 types and is used to remove chemical pollution and thus eliminate
possible drift effects of the RH / T sensing element. This is achieved with an intense heating of the sensing element. The
function can be perfectly tailored to the application requirements being triggered:
▪ manually via PCS10 or display and push-buttons,
▪ by a certain cyclic time interval configurable via PCS10,
▪ using RS485 or Ethernet with Modbus commands, or
▪ using the ARC module option (AM1).
Automatic ReCovery (ARC) Function
Condensation Guard (CG)
HTS801 sensors with Condensation Guard (CG) are designed for applications with variable humidity over the full range
0...100 %RH where condensation may occur for a short time. The CG protects the RH / T sensing element by targeted
heating and prevents temporary condensation and its negative effects on the measurement results. The CG heating is
triggered by a predefined RH setpoint factory set via ordering guide. The setpoint is configurable with PCS10 and display
and push buttons.
High Humidity Guard (H2G)
HTS801 sensors with High Humidity Guard (H2G) enable accurate RH measurement even in permanent high humidity and
condensing conditions. Continuous, adaptive heating of the sensing element and of the probe body (dual heating system)
prevents drift effects and condensation on the sensor element. The monolithic construction of the sensing element enables
fast RH response times under condensing conditions.
Type-specific Operating Modes
The HTS801 with PC7 option (see ordering guide) features the intelligent pluggable rapidX probe, which enables a plug-
and-play probe exchange. Any HTS801 rapidX Smart Probe automatically uploads its specific parameters upon connecting
it to the HTS801 electronics and can be replaced even during operation without any configuration, adjustment or
calibration. This is particularly useful for excluding down time and its corresponding costs in harsh industrial environment,
where the probe can get occasionally damaged.
rapidX Smart Probe
Operating Mode
HTS801 Type
Use in environments with
Function Trigger
Condensation Guard (CG)
T5 / T9 / T10
Temporary condensation
RH setpoint1)
High Humidity Guard (H2G)
T7 / T17 / T28
Continous high humidity and
condensation
Always on
1) Factory setting: acc. to ordering guide



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com