Electronic Components Datasheet Search
  English  ▼

X  

HUMLOG20 Datasheet(PDF) 3 Page - E+E Elektronik Ges.m.b.H

Part # HUMLOG20
Description  Data Logger for Humidity, Temperature, Air Pressure and CO2
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPLUSE [E+E Elektronik Ges.m.b.H]
Direct Link  https://www.epluse.com/
Logo EPLUSE - E+E Elektronik Ges.m.b.H

HUMLOG20 Datasheet(HTML) 3 Page - E+E Elektronik Ges.m.b.H

  HUMLOG20 Datasheet HTML 1Page - E+E Elektronik Ges.m.b.H HUMLOG20 Datasheet HTML 2Page - E+E Elektronik Ges.m.b.H HUMLOG20 Datasheet HTML 3Page - E+E Elektronik Ges.m.b.H HUMLOG20 Datasheet HTML 4Page - E+E Elektronik Ges.m.b.H HUMLOG20 Datasheet HTML 5Page - E+E Elektronik Ges.m.b.H  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
100
Humlog 20
v2.7 / Modification rights reserved
www.epluse.com
General
Dimensions
Length 166 mm, width 78 mm, depth 32 mm
Enclosure / protection rating
Plastic ABS / IP40
Battery lifetime
M1, M8:
> 1 year
M12, M60:
> 4 months
Data storage
16 MB, 3200000 measured values
LC-Display
Size 90x64 mm
Weight
Approx. 250 g (0.55 lbs)
Interface
USB, LAN (Ethernet)
Sampling interval
10/30 s, 1/10/12/15/30 min, 1/3/6/12/24 h
Storage interval
1/1012/15/30 min, 1/3/6/12/24 h
Power supply
Battery 4 x LRG AA Mignon (not in the scope of supply) or USB
Working range
Temperature:
-20...50 °C (-4...120 °F)
Humidity:
0...95 %RH (non-condensing)
CE compatibility according
EN 61000-6-2
EN 55022
EN 6100-4-2 to EN 6100-4-6
Measurands
Relative Humidity
Sensor
Capacitive
Measuring range
10...95 %RH
Accuracy at 20°C
±2 %RH
Resolution
0.1 %RH
Temperature
Sensor
NTC
Measuring range
-20...50 °C (-4...120 °F)
Accuracy
±0.3 °C (0...40 °C; 32...102 °F), otherwise ±0.5 °C
Resolution
0.1 °C
Air pressure (only Model M8)
Measurement range
300...1300 hPa absolute
Accuracy at 25°C
±0.5 hPa in the range of 700...1100 hPa
Resolution
0.1 hPa
CO2 (only Model M12)
Sensor
Dual wavelength NDIR operation principle
Measuring range
0...5000 ppm
Accuracy
± (50 ppm + 3 % of measured value)
Resolution
1 ppm
Long-term stability
20 ppm/year
Response time t90
< 195 s for sampling interval 10 s
Temperature dependency, typ.
2 ppm CO2/°C (0...50 °C / 32...122 °F) different from 25 °C (77 °F)
Voltage input 0-1V (only Model M60)
Measuring range
0...1 V
Accuracy
±(200 μV +0.1 % of measured value)
Resolution
500 μV
Current input (only Model M60)
Measuring range
2-wires: 4 - 20 mA
3-wires: 0 - 20 mA
Accuracy
±(4 μA +0.1 % of measured value)
Resolution
5 μA
Resistance
Max. 50 Ω
Thermocouple K, J, S (only Model M60)
Measuring range
K, J:
-200...1200 °C
S:
-50...1700 °C
Accuracy
-200...0 °C:
±(1 °C +0.5 % of measured value)
0...1700 °C:
±(1 °C +0.2 % of measured value)
Resolution
0.2 °C
Pt100 (only Model M60)
Measuring range
-200...500 °C
Accuracy
±(0.2 °C +0.1 % of measured value)
Resolution
0.02 °C
Technical Data



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com