Electronic Components Datasheet Search
  English  ▼

X  

MJ-2509N Datasheet(PDF) 2 Page - CUI Devices

Part # MJ-2509N
Description  2.5 MM AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MJ-2509N Datasheet(HTML) 2 Page - CUI Devices

  MJ-2509N Datasheet HTML 1Page - CUI Devices MJ-2509N Datasheet HTML 2Page - CUI Devices MJ-2509N Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
date 10/04/2019
│ page 2 of 3
CUI Devices
│ MODEL: MJ-2509N │ DESCRIPTION: 2.5 MM AUDIO JACK
cuidevices.com
MECHANICAL DRAWING
units: mm
tolerance:
X. ±0.5 mm
X.X ±0.3 mm
X.XX ±0.15 mm
Model No.
MJ-2509N
Schematic
PIN
1
sleeve
2
tip switch
3
tip
1.1
(3 PLCS)
0.043
0.079
2.0
1.60.063
(2 PLCS)
0.157
4.00
0.374
9.50
0.386
9.80
0.295
7.50
0.161
4.10
2.50 0.098
3.00 0.118
4.10 0.161
2.50 0.098
0.118
9.8
3.00
0.386
2.00 0.079
1.40 0.055
0.394
10.0
0.90 0.035
(TYP)
9.50.374
0.331
0.157
4.0
0.118
3.00
8.4
7.50.295
2
1
3
2
1
TOP VIEW
PCB LAYOUT
3
2.0
5.0
0.134
0.197
5.00.197
3.4
2.60.102
0.079
0.197
5.0
2.200.087
2
1
3
Ø2.5 MATING PLUG
MATERIAL
PLATING
terminal 1
PBS
tin
terminal 2
brass
tin
terminal 3
PBS
tin
plastic
PBT
Additional Resources:
Product Page | 3D Model | PCB Footprint



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com