Electronic Components Datasheet Search
  English  ▼

X  

1241925 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1241925
Description  SF-7EP1N8A90A1X - Coupler connector
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1241925 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1241925 Datasheet HTML 1Page - PHOENIX CONTACT 1241925 Datasheet HTML 2Page - PHOENIX CONTACT 1241925 Datasheet HTML 3Page - PHOENIX CONTACT 1241925 Datasheet HTML 4Page - PHOENIX CONTACT 1241925 Datasheet HTML 5Page - PHOENIX CONTACT 1241925 Datasheet HTML 6Page - PHOENIX CONTACT 1241925 Datasheet HTML 7Page - PHOENIX CONTACT 1241925 Datasheet HTML 8Page - PHOENIX CONTACT 1241925 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Coupler connector, straight short, for standard and SPEEDCON interlock, M23, number of
positions: 4+3+PE, contact connection type: Pin, shielded: yes, degree of protection: IP67, cable
diameter range: 7.5 mm ... 9 mm, Compatible with mating connectors with SPEEDCON or M23
standard knurled nuts, number of positions: 8, connection method: Crimp connection, series: SF,
Item is lead-free in accordance with RoHS II without Exemption 6c (Pb <0.1%)
Your advantages
Consistent EMC protection for reliable connection solutions in the industrial environment
•
Crimping connection: vibration- and temperature-resistant assembly
•
Flexible use: reliably connect various cable diameters
•
Commercial data
Item number
1241925
Packing unit
1 pc
Minimum order quantity
1 pc
Product key
ABRBFG
GTIN
4063151397883
Weight per piece (including packing)
96.9 g
Weight per piece (excluding packing)
53.19 g
Country of origin
DE
SF-7EP1N8A90A1X - Coupler connector
1241925
https://www.phoenixcontact.com/us/products/1241925
Jan 15, 2024, 8:01 AM
Page 1 (11)


Similar Part No. - 1241925

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
1241920 TEC-1241920 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
1241921 TEC-1241921 Datasheet
253Kb / 10P
Verarbeitungs-Spezifikation
logo
PHOENIX CONTACT
1241921 PHOENIX-1241921 Datasheet
192Kb / 5P
SF-10KP0,06-1,00 - Crimp contact
1241923 PHOENIX-1241923 Datasheet
191Kb / 5P
SF-10KS0,50-1,50 - Crimp contact
1241924 PHOENIX-1241924 Datasheet
494Kb / 11P
SF-7EE1N8AS000X - Panel feed-through
More results

Similar Description - 1241925

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1605499 PHOENIX-1605499 Datasheet
346Kb / 8P
Coupler connector - SF-5EP1N8A90DU
02/04/2022
1605575 PHOENIX-1605575 Datasheet
614Kb / 17P
SF-7EP1N8A90DU - Coupler connector
1605583 PHOENIX-1605583 Datasheet
631Kb / 18P
SF-7EP1N8A9LDL - Coupler connector
1605505 PHOENIX-1605505 Datasheet
583Kb / 16P
SF-5EP1N8A9LB1 - Coupler connector
1605509 PHOENIX-1605509 Datasheet
586Kb / 16P
SF-5EP1N8A9LB4 - Coupler connector
1605510 PHOENIX-1605510 Datasheet
586Kb / 16P
SF-5EP1N8A9LDL - Coupler connector
1605519 PHOENIX-1605519 Datasheet
515Kb / 13P
SF-5EP1N8AF4DU - Coupler connector
1605496 PHOENIX-1605496 Datasheet
571Kb / 16P
SF-5EP1N8A90A2 - Coupler connector
1605578 PHOENIX-1605578 Datasheet
630Kb / 18P
SF-7EP1N8A9LB1 - Coupler connector
1605494 PHOENIX-1605494 Datasheet
571Kb / 16P
SF-5EP1N8A90A1 - Coupler connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com