Electronic Components Datasheet Search
  English  ▼

X  

1821834 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1821834
Description  MC 0,5/16-G-2,54 SMD R72 - PCB header
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1821834 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1821834 Datasheet HTML 1Page - PHOENIX CONTACT 1821834 Datasheet HTML 2Page - PHOENIX CONTACT 1821834 Datasheet HTML 3Page - PHOENIX CONTACT 1821834 Datasheet HTML 4Page - PHOENIX CONTACT 1821834 Datasheet HTML 5Page - PHOENIX CONTACT 1821834 Datasheet HTML 6Page - PHOENIX CONTACT 1821834 Datasheet HTML 7Page - PHOENIX CONTACT 1821834 Datasheet HTML 8Page - PHOENIX CONTACT 1821834 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
PCB headers, nominal cross section: 0.5 mm2, color: black, nominal current: 6 A, rated voltage
(III/2): 160 V, contact surface: Gold, contact connection type: Pin, number of potentials: 16,
number of rows: 1, number of positions: 16, number of connections: 16, product range: MC 0,5/..
-G-SMD, pitch: 2.54 mm, mounting: SMD soldering, pin layout: Linear pad geometry, number of
solder pins per potential: 1, plug-in system: COMBICON FMC 0,5, Pin connector pattern
alignment: Standard, locking: without, mounting: without, type of packaging: 72 mm wide tape,
Sample values available under SAMPLE MC...
Your advantages
Designed for integration into the SMT soldering process
•
Additional solder anchors reduce the mechanical strain on the soldering spots
•
Gold-plated contacts ensure transfer quality remains stable over the long term
•
Supplied in tape-on-reel packing according to IEC 60286-3 for automated mounting
•
Commercial data
Item number
1821834
Packing unit
465 pc
Note
Made to order (non-returnable)
Sales key
AA01
Product key
AAAUAA
Catalog page
Page 177 (C-1-2013)
GTIN
4046356789998
Weight per piece (including packing)
3.55 g
Weight per piece (excluding packing)
3.55 g
Customs tariff number
85366930
Country of origin
PL
MC 0,5/16-G-2,54 SMD R72 - PCB header
1821834
https://www.phoenixcontact.com/us/products/1821834
Jan 17, 2024, 5:21 AM
Page 1 (12)


Similar Part No. - 1821834

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1821805 PHOENIX-1821805 Datasheet
419Kb / 10P
MC 0,5/13-G-2,54 SMD R56 - PCB header
1821818 PHOENIX-1821818 Datasheet
419Kb / 10P
MC 0,5/14-G-2,54 SMD R56 - PCB header
1821821 PHOENIX-1821821 Datasheet
447Kb / 11P
MC 0,5/15-G-2,54 SMD R56 - PCB header
1821856 PHOENIX-1821856 Datasheet
179Kb / 4P
SH-NUT-M26X1 - Flat nut
More results

Similar Description - 1821834

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706225 PHOENIX-1706225 Datasheet
44Kb / 1P
MC 0,5/ 2-G-2,54 P20THRR24C1
1706193 PHOENIX-1706193 Datasheet
45Kb / 1P
MC 0,5/13-G-2,54 P20THRR56C2
1706198 PHOENIX-1706198 Datasheet
45Kb / 1P
MC 0,5/ 9-G-2,54 P20THRR44C2
1706200 PHOENIX-1706200 Datasheet
45Kb / 1P
MC 0,5/ 7-G-2,54 P20THRR44C2
1706211 PHOENIX-1706211 Datasheet
44Kb / 1P
MC 0,5/13-G-2,54 P20THRR56C1
1706214 PHOENIX-1706214 Datasheet
44Kb / 1P
MC 0,5/10-G-2,54 P20THRR44C1
1706220 PHOENIX-1706220 Datasheet
44Kb / 1P
MC 0,5/ 6-G-2,54 P20THRR44C1
1821685 PHOENIX-1821685 Datasheet
108Kb / 5P
Printed-circuit board connector - MCV 0,5/16-G-2,54 SMD R72
1706217 PHOENIX-1706217 Datasheet
535Kb / 11P
MC 0,5/ 8-G-2,54 P20THRR44C1 - PCB header
1821601 PHOENIX-1821601 Datasheet
471Kb / 12P
MCV 0,5/ 8-G-2,54 SMD R44 - PCB header
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com