Electronic Components Datasheet Search
  English  ▼

X  

MJ-63052A Datasheet(PDF) 1 Page - CUI Devices

Part # MJ-63052A
Description  AUDIO JACK
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

MJ-63052A Datasheet(HTML) 1 Page - CUI Devices

  MJ-63052A Datasheet HTML 1Page - CUI Devices MJ-63052A Datasheet HTML 2Page - CUI Devices MJ-63052A Datasheet HTML 3Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 08/17/2022
page 1 of 3
MODEL: MJ-63052A | DESCRIPTION: AUDIO JACK
cuidevices.com
FEATURES
• through hole
• vertical orientation
• tip switch
• threaded with nut
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated input voltage
12
Vdc
rated input current
1
A
contact resistance
between terminal and mating plug
30
mΩ
insulation resistance
at 500 Vdc
100
MΩ
voltage withstand
for 1 minute
500
Vac
insertion/withdrawal force
0.4
3
kg
operating temperature
-25
70
°C
life
5,000
cycles
flammability rating
see material table
RoHS
yes
SOLDERABILITY
parameter
conditions/description
min
typ
max
units
hand soldering
for 3~5 seconds
360
°C
Additional Resources: Product Page | 3D Model | PCB Footprint


Similar Part No. - MJ-63052A

ManufacturerPart #DatasheetDescription
logo
CUI Devices
MJ-63012G CUID-MJ-63012G Datasheet
313Kb / 3P
AUDIO JACK
08/17/2022
MJ-63022A CUID-MJ-63022A Datasheet
416Kb / 3P
AUDIO JACK
08/17/2022
MJ-63022B CUID-MJ-63022B Datasheet
416Kb / 3P
AUDIO JACK
08/17/2022
MJ-63032A CUID-MJ-63032A Datasheet
299Kb / 3P
AUDIO JACK
08/17/2022
MJ-63042J CUID-MJ-63042J Datasheet
312Kb / 3P
AUDIO JACK
08/17/2022
More results

Similar Description - MJ-63052A

ManufacturerPart #DatasheetDescription
logo
CUI INC
SJ2-252X-SMT CUI-SJ2-252X-SMT Datasheet
714Kb / 4P
AUDIO JACK
SJ2-256X-SMT CUI-SJ2-256X-SMT Datasheet
595Kb / 4P
AUDIO JACK
MJ-2523-SMT-TR CUI-MJ-2523-SMT-TR Datasheet
384Kb / 4P
AUDIO JACK
SJ1-251X-SMT CUI-SJ1-251X-SMT_18 Datasheet
576Kb / 4P
AUDIO JACK
SJ1-351X-SMT CUI-SJ1-351X-SMT_18 Datasheet
564Kb / 4P
AUDIO JACK
MJ1-2503A CUI-MJ1-2503A Datasheet
285Kb / 3P
AUDIO JACK
SJ-3553A-SMT-TR-67 CUI-SJ-3553A-SMT-TR-67 Datasheet
621Kb / 5P
AUDIO JACK
logo
CUI Devices
MJ-2508 CUID-MJ-2508 Datasheet
468Kb / 3P
AUDIO JACK
04/12/2023
MJ-3502N CUID-MJ-3502N Datasheet
332Kb / 3P
AUDIO JACK
04/01/2020
MJ-63022A CUID-MJ-63022A Datasheet
416Kb / 3P
AUDIO JACK
08/17/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com