Electronic Components Datasheet Search
  English  ▼

X  

CDCD5704 Datasheet(PDF) 2 Page - Texas Instruments

Part # CDCD5704
Description  Rambus XDR CLOCK GENERATOR
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCD5704 Datasheet(HTML) 2 Page - Texas Instruments

  CDCD5704_07 Datasheet HTML 1Page - Texas Instruments CDCD5704_07 Datasheet HTML 2Page - Texas Instruments CDCD5704_07 Datasheet HTML 3Page - Texas Instruments CDCD5704_07 Datasheet HTML 4Page - Texas Instruments CDCD5704_07 Datasheet HTML 5Page - Texas Instruments CDCD5704_07 Datasheet HTML 6Page - Texas Instruments CDCD5704_07 Datasheet HTML 7Page - Texas Instruments CDCD5704_07 Datasheet HTML 8Page - Texas Instruments CDCD5704_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
B0137-01
REFCLK
BYPASS
CLK0
VSSP
VDDP
VDDC
VDD
VSSC
VSS
VDD
VDDC
VDDP
CLK0B
CLK1
CLK1B
CLK2
CLK2B
CLK3
CLK3B
REFCLKB
MUX
CLK0
SDA
SCL
ID0
ID1
CLk1
CLK2
CLK3
EN
CLK0
CurrentandVoltage
Reference
ISET
RSET
PLL 1
300MHzto667MHz
Power
Down
Logic
SerialInterface
ControlLogic
CDCD5704
SCAS823 – DECEMBER 2006
The bypass mode routes the input clock REFCLK to the differential output buffers, bypassing the PLL.
To ensure that the CDCD5704 clock generator always performs correctly, the device switches off the PLL and
the outputs are in the high-impedance state, once the clock input is below 10 MHz. If the supply voltage VDD is
less than VPUC, all logic gates are reset, the PLL is powered down, and the outputs are in the high-impedance
state. Therefore, the device only starts its operation if these minimum requirements are met.
Because the CDCD5704 is based on PLL circuitry, it requires a stabilization time to achieve phase-lock of the
PLL. With use of an external reference clock, this signal must be fixed-frequency and fixed-phase prior to the
start of stabilization time.
The device operates from a single 2.5-V supply voltage. The CDCD5704 device is characterized for operation
from 0
°C to 70°C.
FUNCTIONAL BLOCK DIAGRAM
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com