Electronic Components Datasheet Search
  English  ▼

X  

CDCE421RGER Datasheet(PDF) 6 Page - Texas Instruments

Part # CDCE421RGER
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421RGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button CDCE421RGER Datasheet HTML 2Page - Texas Instruments CDCE421RGER Datasheet HTML 3Page - Texas Instruments CDCE421RGER Datasheet HTML 4Page - Texas Instruments CDCE421RGER Datasheet HTML 5Page - Texas Instruments CDCE421RGER Datasheet HTML 6Page - Texas Instruments CDCE421RGER Datasheet HTML 7Page - Texas Instruments CDCE421RGER Datasheet HTML 8Page - Texas Instruments CDCE421RGER Datasheet HTML 9Page - Texas Instruments CDCE421RGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
www.ti.com
Enter Programming Mode
SDATA
CE
0
t
2
DATA
0
1
1
0
0
SDATA
DELAYED
t
1
t
6
t
f
t
5
t
4
t
r
T0042-05
t
3
t
7
EEPROM PROGRAMMING
CDCE421
SCAS842 – APRIL 2007
Figure 3 shows the timing behavior of data to be written into SDATA. The sequence shown is 00 1100. If the
high period is as short as t1, this is interpreted as 0. If the high period is as long as t3, this is interpreted as a 1.
This behavior is achieved by shifting the incoming signal SDATA by time t5 into signal SDATA_DELAYED. As
can be seen in Figure 3, SDATA_DELAYED can be used to latch (or strobe) SDATA. The timing specifications
for t1–t7, tr, and tf are shown in Figure 3.
MIN
TYP
MAX
UNIT
fSDATACLK
Repeat frequency of programming
60
70
80
kHz
t1
LOW signal: high-pulse duration
0.2 t
ms
t2
LOW signal: low-pulse duration while entering programming sequence
0.8 t
ms
t2
LOW signal: low-pulse duration while programming bits
0.8 t
ms
t3
HIGH signal: high-pulse duration
0.8 t
ms
t4
HIGH signal: low-pulse duration while entering programming sequence
0.2 t
ms
t4
HIGH signal: low-pulse duration while programming bits
0.2 t
ms
t6
Time-out during Entering Programming Mode and Enter Read Back Mode
16
µs
until next bit must turn on
t7
CE-high time before first SDATA can be clocked in
3 t
ms
tr and tf
Rise Time and Fall Time
2
ns
t = 1 / fSDATACLK
Figure 3. SDATA/CE Timing
Load all the registers in RAM by writing Word0 through Word5, and after going back to State 2, then going to
State 3 (programming EEPROM, no locking) or State 4 (programming EEPROM with locking), the contents of
Word0–Word5 are saved in the EEPROM. Wait 10 ms in State 3 or State 4 when programming the EEPROM
before moving to State 2 (the idle state).
NOTE:
When writing to the device for functionality testing and verification via the serial bus,
only the RAM is being accessed.
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com