Electronic Components Datasheet Search
  English  ▼

X  

CDCE421RGET Datasheet(PDF) 17 Page - Texas Instruments

Part # CDCE421RGET
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421RGET Datasheet(HTML) 17 Page - Texas Instruments

Back Button CDCE421RGET Datasheet HTML 13Page - Texas Instruments CDCE421RGET Datasheet HTML 14Page - Texas Instruments CDCE421RGET Datasheet HTML 15Page - Texas Instruments CDCE421RGET Datasheet HTML 16Page - Texas Instruments CDCE421RGET Datasheet HTML 17Page - Texas Instruments CDCE421RGET Datasheet HTML 18Page - Texas Instruments CDCE421RGET Datasheet HTML 19Page - Texas Instruments CDCE421RGET Datasheet HTML 20Page - Texas Instruments CDCE421RGET Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
www.ti.com
f − Single-Sideband Frequency − Hz
G002
−160
−140
−120
−100
−80
−60
−40
−20
0
10
100
1k
100M
10k
100k
1M
10M
CDCE421
SCAS842 – APRIL 2007
For the case of CDCE421 being referenced by a clean external LVCMOS input of 33.33 MHz, Figure 9 shows
the SSB phase noise plot of the output at 400 MHz from 100 Hz to 40 MHz from carrier. See Figure 12 for test
setup.
Figure 9. Phase Noise Plot for LVDS Output at 400 MHz
Table 6. Phase Noise Parameters With LVCMOS Input of 33.33 MHz and LVDS Output at 400 MHz
Phase noise specifications under following assumptions: input frequency f = 33.33 MHz (VCO = 1, prescaler = 5, output divider =
1), fout = 400 MHz (driver mode = LVDS)
PARAMETER
MIN
TYP
MAX
UNIT
phn100
Phase noise at 100 Hz
–99
dBc/Hz
phn1k
Phase noise at 1 kHz
–107
dBc/Hz
phn10k
Phase noise at 10 kHz
–115
dBc/Hz
phn100k
Phase noise at 100 kHz
–119
dBc/Hz
phn1M
Phase noise at 1 MHz
–128
dBc/Hz
phn10M
Phase noise at 10 MHz
–144
dBc/Hz
phn20M
Phase noise at 20 MHz
–145
dBc/Hz
JRMS
RMS jitter integrated from 12 kHz to 20 MHz
501
fs
17
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com