Electronic Components Datasheet Search
  English  ▼

X  

MOD1 Datasheet(PDF) 2 Page - EMP-Centauri s.r.o.

Part # MOD1
Description  HDMI / DVB-T modulator 1in / 1out
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.

MOD1 Datasheet(HTML) 2 Page - EMP-Centauri s.r.o.

  MOD1 Datasheet HTML 1Page - EMP-Centauri s.r.o. MOD1 Datasheet HTML 2Page - EMP-Centauri s.r.o. MOD1 Datasheet HTML 3Page - EMP-Centauri s.r.o.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
HDMI / DVB-T modulator 1in / 1out
MOD1/1CEWD
Postal address: EMP-Centauri s.r.o. 5. kvetna 690 339 01 Klatovy Czech Republic
Management: Tel.: +420 376 323 813 Tel.: +420 603 497 419 E-mail:
info@emp-centauri.cz
Sales department: Tel.: +420 376 323 813 Tel.: +420 603 497 419 Tel.: +420 776 619 976 (EN) Tel.: +420 778 066 654 (CZ) E-
mail:
sales@emp-centauri.cz
Purchase department: E-mail:
purchase@emp-centauri.cz
Technical support: Tel.: +420 376 323 853 (during workhours) Hotline: +420 603 497 419 (available anytime) E-mail:
support@emp-centauri.cz Skype ID : live:.cid.624e3941fb5334d9
Output level
95 dBuV average (adjustable)
Output connector type
F-connector
Output impedance
75 ohm
Loop through input
F-connector
Loop through impedance
75 ohm
Loop through amplification
-4 / +10 dB
Modulation standard
DVB-T COFDM
Bandwidth
1 - 8 MHz
Constellation
64 QAM, 16 QAM, QPSK
Code rate
7/8, 5/6, 3/4, 2/3, 1/2
Guard Interval
1/32, 1/16, 1/8, 1/4
Transmission Mode
8 K, 4 K, 2 K
MER
>30 dB
Video encoding type
MPEG-4 AVC/H.264
Video resolution
1920x1080, 1600x1080, 1440x1080, 1440x960,
1280x1080, 1280x1024, 1280x720, 800x600,
720x576, 720x480, 640x480, 544x480
Video encoding bitrate
0.500 - 19.500 Mbps
Audio encoding type
MPEG1 Layer II, AAC
Audio encoding bitrate (Kbps) 384, 192, 128, 96
LCN Insertion
0 – 999
Wireless standard
802.11 b/g/n
Wireless frequency range
2.400 – 2.483GHz
Tx power
18dBm
Security protocol
WPA, WPA2
Wireless mode
access point, wireless client
System management interface web GUI, LCD + control buttons
Interface language
English
Device status indication
LCD, colorful led
Firmware upgrade
automatically over the air (OTA), USB



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com