Electronic Components Datasheet Search
  English  ▼

X  

MOD3 Datasheet(PDF) 1 Page - EMP-Centauri s.r.o.

Part # MOD3
Description  Modulator 3in / 1out
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMP-CENTAURI [EMP-Centauri s.r.o.]
Direct Link  https://emp-centauri.cz/
Logo EMP-CENTAURI - EMP-Centauri s.r.o.

MOD3 Datasheet(HTML) 1 Page - EMP-Centauri s.r.o.

  MOD3 Datasheet HTML 1Page - EMP-Centauri s.r.o.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Modulator 3in / 1out
MOD3/1AER-18
Product summary:
Analog Modulator
Brief description:
Designed to convert separate audio and
video composite signals (from a video
camera, VCR, satellite receiver, DVD
player, etc.) into standard UHF TV signals
that you can see on any regular TV set.
In the era of 4K digital television, this device
may seem quite outdated, but
overwhelming majority of TV sets still
feature an analog tuner. Also many devices,
for example, security cameras have a
component output.
Since the composite output is not designed
to transmit video over a long distance, this
modulator will be the best solution for
combining multiple devices with this output
into common network and transmitting a
video/audio signal over a coaxial cable to
several TVs or other devices. Also, this kind
of solution is very cheap and requires
neither special knowledge or skills for
installation and configuration.
Big 4-digit LED display.
External power supply (included).
Technical data:
Parameter
Condition
Value
Frequency range
Output
UHF band 474 - 858 MHz (21 - 69 Ch),
Inputs
RCA type composite video 1-2Vpp, 75 Ohm R/L Audio -20dB,
25 KOhm
Output
TV standard
PAL B, G, H, I, M, N
Audio sub-carrier
4.5, 5.5, 6.0, 6.5 MHz (selectable)
Output level
“F” type connector 75 Ohm 75 dBµV
Power consumption 2.1x5.5mm jack
9-18V, 1.2W (Normal 12V, 100 mA)
Temperature range
-20 ~ +60 °C
Weight
0.500 kg
Postal address: EMP-Centauri s.r.o.
5. kvetna 690
339 01 Klatovy
Czech Republic
Management: Tel.: +420 376 323 813
Tel.: +420 603 497 419
E-mail: info@emp-centauri.cz
Sales department: Tel.: +420 376 323 813 Tel.: +420 603 497 419 Tel.: +420 776 619 976 (EN) Tel.: +420 778 066 654 (CZ) E-mail:
sales@emp-centauri.cz
Purchase department: E-mail: purchase@emp-centauri.cz
Technical support: Tel.: +420 376 323 853 (during workhours) Hotline: +420 603 497 419 (available anytime)
E-mail:
support@emp-centauri.cz Skype ID : live:.cid.624e3941fb5334d9


Similar Part No. - MOD3

ManufacturerPart #DatasheetDescription
logo
Mobile Mark, Inc.
MOD3-2400-BLK MOBILEMARK-MOD3-2400-BLK Datasheet
293Kb / 1P
Omni-directional, High Vibration & Marine, 2.4 GHz
9/2018
MOD3-2400-WHT MOBILEMARK-MOD3-2400-WHT Datasheet
293Kb / 1P
Omni-directional, High Vibration & Marine, 2.4 GHz
9/2018
More results

Similar Description - MOD3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TDA5664 SIEMENS-TDA5664 Datasheet
307Kb / 19P
5V-Modulator
logo
Holtek Semiconductor In...
HT8950 HOLTEK-HT8950 Datasheet
659Kb / 11P
Voice Modulator
5th May 98
logo
List of Unclassifed Man...
FM2400TSIM ETC-FM2400TSIM Datasheet
316Kb / 5P
MODULATOR
logo
Merrimac Industries, In...
BPG-2A-500 MERRIMAC-BPG-2A-500 Datasheet
96Kb / 1P
BIPHASE MODULATOR
BTG-2B-500 MERRIMAC-BTG-2B-500 Datasheet
76Kb / 1P
BIPHASE MODULATOR
M-109A MERRIMAC-M-109A Datasheet
81Kb / 1P
BIPHASE MODULATOR
VMD-1Q-2.0G MERRIMAC-VMD-1Q-2.0G Datasheet
158Kb / 5P
VECTOR MODULATOR
logo
Communications & Power ...
VPX_3500 CPI-VPX_3500 Datasheet
319Kb / 1P
Magnetron Modulator
logo
New Japan Radio
NJM2754 NJRC-NJM2754 Datasheet
204Kb / 9P
4in-1out Audio Selector with Isolation amplifier
logo
BOWEI Integrated Circui...
QHP-01 BOWEI-QHP-01 Datasheet
142Kb / 1P
QPSK Modulator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com