Electronic Components Datasheet Search
  English  ▼

X  

CDCE421YS Datasheet(PDF) 19 Page - Texas Instruments

Part # CDCE421YS
Description  Fully Integrated Wide-Range, Low-Jitter, Crystal-Oscillator Clock Generator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CDCE421YS Datasheet(HTML) 19 Page - Texas Instruments

Back Button CDCE421YS Datasheet HTML 15Page - Texas Instruments CDCE421YS Datasheet HTML 16Page - Texas Instruments CDCE421YS Datasheet HTML 17Page - Texas Instruments CDCE421YS Datasheet HTML 18Page - Texas Instruments CDCE421YS Datasheet HTML 19Page - Texas Instruments CDCE421YS Datasheet HTML 20Page - Texas Instruments CDCE421YS Datasheet HTML 21Page - Texas Instruments CDCE421YS Datasheet HTML 22Page - Texas Instruments CDCE421YS Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
www.ti.com
APPENDIX B: PACKAGE
10
11
12
13
14
15
16
17
2
6
PAD1
9
8 7
5
3
4
M0071-01
2032 m
m
1732 m
m
Scribe(8~52 m)
m
Scribe(8~52 m)
m
PadLegend
#1=CE
#2=SDATA
#3=OUTN
#4=GND
#5=GND
#6=OUTP
#7=NC
#9=VCC
#10=VCC
#14=XIN1
#15=XIN2(XIN2forXO)
#16=NC
#8= TEST
#11= TEST
#12= TEST
#13= TEST
#17= TEST
CDCE421
SCAS842 – APRIL 2007
Packaging and bond wiring the CDCE421 is the responsibility of the oscillator vendor.
PAD
X1
Y1
X2
Y2
1
41.85
198.65
111.85
268.65
2
990.07
48.65
1060.07
118.65
3
1918.35
237.28
1988.35
307.28
4
1917.93
355.14
1987.93
425.14
5
1922.2
456.66
1992.2
526.66
6
1917.86
573.58
1987.86
643.58
7
714.86
1619.99
784.86
1689.99
8
595.74
1620.25
665.74
1690.25
9
392.97
1621.07
462.97
1691.07
10
198.04
1620.76
268.04
1690.76
11
41.9
1469.91
111.9
1539.91
12
42.19
1310.51
112.19
1380.51
13
42.35
1154.46
112.35
1224.46
14
41.97
993.15
111.97
1063.15
15
42.84
881.73
112.84
951.73
16
41.87
771.71
111.87
841.71
17
41.87
617.6
111.87
687.6
The CDCE421 is designed to be mounted in a commonly used 6-pin oscillator package, where pin 2 (N/C) is the
programming pin, in conjunction with CE for the XO design.
19
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com