Electronic Components Datasheet Search
  English  ▼

X  

ISG2046 Datasheet(PDF) 3 Page - Inchange Semiconductor Company Limited

Part # ISG2046
Description  Field Stop IGBT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

ISG2046 Datasheet(HTML) 3 Page - Inchange Semiconductor Company Limited

  ISG2046 Datasheet HTML 1Page - Inchange Semiconductor Company Limited ISG2046 Datasheet HTML 2Page - Inchange Semiconductor Company Limited ISG2046 Datasheet HTML 3Page - Inchange Semiconductor Company Limited ISG2046 Datasheet HTML 4Page - Inchange Semiconductor Company Limited ISG2046 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ISG2046
eq FGHL40T120SWD
Field Stop IGBT
www.iscsemi.com
3
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
td(on)
Turn-on Delay Time
VGE =0/15V,
IC=40A,
VCE = 600V,
RG= 4.7Ω
TJ=25℃
--
24
--
ns
tr
Turn-on Rise Time
--
118
--
ns
td(off)
Turn-off Delay Time
--
35
--
ns
tf
Turn-off Fall Time
--
68
--
ns
Eon
Turn-on switching losses
--
2.5
--
mJ
Eoff
Turn-off switching losses
--
1.1
--
mJ
Ets
Total Switching Loss
--
3.5
--
mJ
td(on)
Turn-on Delay Time
VGE =0/15V,
IC=20A,
VCE = 600V,
RG= 4.7Ω
TJ=175℃
--
19
--
ns
tr
Turn-on Rise Time
--
197
--
ns
td(off)
Turn-off Delay Time
--
16
--
ns
tf
Turn-off Fall Time
--
126
--
ns
Eon
Turn-on switching losses
--
1.8
--
mJ
Eoff
Turn-off switching losses
--
1.1
--
mJ
Ets
Total Switching Loss
--
3.0
--
mJ
td(on)
Turn-on Delay Time
VGE =0/15V,
IC=40A,
VCE = 600V,
RG= 4.7Ω
TJ=175℃
--
21
--
ns
tr
Turn-on Rise Time
--
138
--
ns
td(off)
Turn-off Delay Time
--
35
--
ns
tf
Turn-off Fall Time
--
100
--
ns
Eon
Turn-on switching losses
--
3.6
--
mJ
Eoff
Turn-off switching losses
--
1.5
--
mJ
Ets
Total Switching Loss
--
5.5
--
mJ



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com