Electronic Components Datasheet Search
  English  ▼

X  

1374875 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1374875
Description  FR 1,27/ 20-FV 9,05 - SMD female connectors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1374875 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1374875 Datasheet HTML 1Page - PHOENIX CONTACT 1374875 Datasheet HTML 2Page - PHOENIX CONTACT 1374875 Datasheet HTML 3Page - PHOENIX CONTACT 1374875 Datasheet HTML 4Page - PHOENIX CONTACT 1374875 Datasheet HTML 5Page - PHOENIX CONTACT 1374875 Datasheet HTML 6Page - PHOENIX CONTACT 1374875 Datasheet HTML 7Page - PHOENIX CONTACT 1374875 Datasheet HTML 8Page - PHOENIX CONTACT 1374875 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
SMD female connector, nominal current: 2.1 A, Test voltage: 840 V AC, number of positions: 20,
pitch: 1.27 mm, color: black, contact surface: Gold, contact connection type: Socket, mounting:
SMD soldering
Your advantages
The first high-speed data transmission at up to 28 Gbps using the established market standard, opens up new design possibilities.
•
Robust 6-pos. to 100-pos. board-to-board and wire-to-board connectors ensure greater flexibility with regard to component options.
•
Time savings during the development process with customer-specific simulations for data integrity.
•
Gold-plated contact points enable long-term stable signal transmission and currents of up to 2.3 A.
•
Design-in support during device development using MCAD/ECAD data and a free sample service.
•
Commercial data
Item number
1374875
Packing unit
280 pc
Minimum order quantity
280 pc
Product key
AAXAAC
GTIN
4063151736040
Weight per piece (including packing)
2.057 g
Weight per piece (excluding packing)
2.057 g
Customs tariff number
85366930
Country of origin
CN
FR 1,27/ 20-FV 9,05 - SMD female connectors
1374875
https://www.phoenixcontact.com/pc/products/1374875
Jan 16, 2024, 7:02 AM
Page 1 (9)


Similar Part No. - 1374875

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1374872 PHOENIX-1374872 Datasheet
371Kb / 9P
FR 1,27/ 6-FV 9,05 - SMD female connectors
1374873 PHOENIX-1374873 Datasheet
359Kb / 9P
FR 1,27/ 12-FV 9,05 - SMD female connectors
1374874 PHOENIX-1374874 Datasheet
370Kb / 9P
FR 1,27/ 16-FV 9,05 - SMD female connectors
1374877 PHOENIX-1374877 Datasheet
368Kb / 9P
FR 1,27/ 26-FV 9,05 - SMD female connectors
1374879 PHOENIX-1374879 Datasheet
364Kb / 9P
FR 1,27/ 32-FV 9,05 - SMD female connectors
More results

Similar Description - 1374875

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1714884 PHOENIX-1714884 Datasheet
116Kb / 7P
SMD female connectors - FP 1,27/ 32-FV 9,05
1714881 PHOENIX-1714881 Datasheet
98Kb / 6P
SMD female connectors - FP 1,27/ 20-FV 9,05
1374877 PHOENIX-1374877 Datasheet
368Kb / 9P
FR 1,27/ 26-FV 9,05 - SMD female connectors
1374872 PHOENIX-1374872 Datasheet
371Kb / 9P
FR 1,27/ 6-FV 9,05 - SMD female connectors
1374874 PHOENIX-1374874 Datasheet
370Kb / 9P
FR 1,27/ 16-FV 9,05 - SMD female connectors
1374879 PHOENIX-1374879 Datasheet
364Kb / 9P
FR 1,27/ 32-FV 9,05 - SMD female connectors
1374880 PHOENIX-1374880 Datasheet
361Kb / 9P
FR 1,27/ 40-FV 9,05 - SMD female connectors
1374881 PHOENIX-1374881 Datasheet
357Kb / 9P
FR 1,27/ 50-FV 9,05 - SMD female connectors
1374882 PHOENIX-1374882 Datasheet
353Kb / 9P
FR 1,27/ 68-FV 9,05 - SMD female connectors
1374029 PHOENIX-1374029 Datasheet
372Kb / 9P
FR 1,27/ 20-FV 6,25 - SMD female connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com