Electronic Components Datasheet Search
  English  ▼

X  

PTH04T220WAS Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # PTH04T220WAS
Description  16-A, 2.2-V to 5.5-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH04T220WAS Datasheet(HTML) 2 Page - Texas Instruments

  PTH04T220WAS Datasheet HTML 1Page - Texas Instruments PTH04T220WAS Datasheet HTML 2Page - Texas Instruments PTH04T220WAS Datasheet HTML 3Page - Texas Instruments PTH04T220WAS Datasheet HTML 4Page - Texas Instruments PTH04T220WAS Datasheet HTML 5Page - Texas Instruments PTH04T220WAS Datasheet HTML 6Page - Texas Instruments PTH04T220WAS Datasheet HTML 7Page - Texas Instruments PTH04T220WAS Datasheet HTML 8Page - Texas Instruments PTH04T220WAS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
UDG−06005
RTT
1%
0.05 W
(Optional)
CO
220
µF
(Required)
VO
RSET [A]
1%
0.05 W
(Required)
CI
330
µF
(Required)
RUVLO
1%
0.05 W
(Optional)
VOAdj
TurboTranst
VO
VI
PTH04T220W
4
8
+
7
Track
GND
TT
3
2
GND
GND
+Sense
5
L
O
A
D
−Sense
GND
+
Inhibit
INH/UVLO
Track
9
6
−Sense
+Sense
SYNC
11
SmartSync
1
10
CI2
22
µF
(Optional)
VI
UDG−06005
RTT
1%
0.05 W
(Optional)
CO
300
µF
(Required)
VO
RSET [A]
1%
0.05 W
(Required)
CI
300
µF
(Required)
RUVLO
1%
0.05 W
(Optional)
VOAdj
TurboTranst
VO
VI
PTH04T221W
4
8
7
VI
Track
GND
TT
3
2
GND
GND
+Sense
5
L
O
A
D
−Sense
GND
Inhibit
INH/UVLO
Track
9
6
−Sense
+Sense
SYNC
11
SmartSync
1
10
PTH04T220W, PTH04T221W
SLTS275A – DECEMBER 2006 – REVISED FEBRUARY 2007
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
PTH04T220W
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
PTH04T221W - Ceramic Capacitor Version
A.
RSET required to set the output voltage to a value higher than 0.69 V. See Electrical Characteristics table.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com