Electronic Components Datasheet Search
  English  ▼

X  

PTH08T240WAS Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T240WAS
Description  10-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TURBOTRANS
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T240WAS Datasheet(HTML) 16 Page - Texas Instruments

Back Button PTH08T240WAS Datasheet HTML 12Page - Texas Instruments PTH08T240WAS Datasheet HTML 13Page - Texas Instruments PTH08T240WAS Datasheet HTML 14Page - Texas Instruments PTH08T240WAS Datasheet HTML 15Page - Texas Instruments PTH08T240WAS Datasheet HTML 16Page - Texas Instruments PTH08T240WAS Datasheet HTML 17Page - Texas Instruments PTH08T240WAS Datasheet HTML 18Page - Texas Instruments PTH08T240WAS Datasheet HTML 19Page - Texas Instruments PTH08T240WAS Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
www.ti.com
PTH08T240W, PTH08T241W
SLTS264E – NOVEMBER 2005 – REVISED FEBRUARY 2007
Table 3. Input/Output Capacitors (continued)
Capacitor Characteristics
Quantity
Max
Output Bus
Max.
Ripple
Capacitor Vendor,
Working
ESR
Current
Turbo-
Value
Physical
Input
Type Series (Style)
No
Voltage
at 100
at
Vendor Part No.
Trans
(µF)
Size (mm)
Bus
Turbo-
(V)
kHz
85
°C
(Cap
Trans
(m
Ω)
(Irms)
Type)(2)
(mA)
Panasonic,
Poly-Aluminum
2.0
390
5
4000
7,3
×4,3×4,2
N/R(6)
N/R(6)
B
≥ 2(2)
EEFSE0J391R (VO≤ 1.6V)(8)
Sanyo
TPE, Poscap (SMD)
10
330
25
3000
7,3
× 4,3
N/R(6)
1 ~ 3
C
≥ 2(2)
10TPE330MF
TPE Poscap(SMD)
2.5
470
7
4400
7,3
× 4,3
N/R(6)
1 ~ 2
B
≥ 2(2)
2R5TPE470M7 (VO≤ 1.8V)(8)
TPD Poscap (SMD)
2.5
1000
5
6100
7,3
× 4,3
N/R(6)
1
B
≥ 1(2)
2R5TPD1000M5 (VO≤ 1.8V)(8)
SEP, OS-CON (Radial)
16
330
16
4700
10
×13
≥1(3)
1 ~ 3
B
≥ 2(2)
16SEP330M
SP OS-CON ( Radial)
16
270
18
4400
10
× 11,5
≥1(3)
1 ~ 3
B
≥ 2(2)
16SP270M
SEPC, OS-CON (Radial)
16
270
11
5000
8
× 13
≥1(3)
1 ~ 2
B
≥ 2(2)
16SEPC270M
SVP, OS-CON (SMD)
16
330
16
4700
10
× 12,6
≥1(3)
1 ~ 3(4)
B
≥ 2(2)(4)
16SVP330M
AVX, Tantalum
Series III
10
330
40
1828
7,3
×4,3×4,1
N/R(6)
1 ~ 6(4)
N/R(5)
TPSE337M010R0040 (VO≤ 5.1V)(7)
TPM Multianode
10
330
23
3000
7,3
×4,3×4,1
N/R(6)
1 ~ 3(4)
C
≥ 2(4)(2)
TPME337M010#0023 (VO≤ 5.1V)(7)
TPS Series III (SMD)
4
1000
35
2405
7,3
× 5,7
N/R(6)
1 ~ 5(4)
N/R(5)
TPSV108K004R0035 (VO≤ 2.1V)(8)
Kemet, Poly-Tantalum
T520 (SMD)
10
330
25
2600
7,3
×4,3×4,1
N/R(6)
1 ~ 4(4)
C
≥ 2(2)
T520X337M010ASE025
T530 (SMD)
6.3
330
15
3800
7,3
×4,3×4,1
N/R(6)
2 ~ 3
B
≥ 2(2)
T530X337M006ASE015 (VO≤ 5.1V)(8)
T530 (SMD)
4
680
5
7300
7,3
×4,3×4,1
N/R(6)
1
B
≥ 1(2)
T530X687M004ASE005 (VO≤ 3.5V)(8)
T530 (SMD)
2.5
1000
5
7300
7,3
× 4,3
N/R(6)
1
B
≥ 1(2)
T530X108M2R5ASE005 (VO≤ 2.0V)(8)
Vishay-Sprague
597D, Tantalum (SMD)
16
220
40
2300
7,2
×5,7×4,1
N/R(6)
1 ~ 5
C
≥ 2(2)
597D227X16E2T
94SP, OS-CON (Radial)
16
270
18
4400
10
× 10,5
≥1(3)
1 ~ 3
C
≥ 2(2)
94SP277X0016FBP
94SVP OS-CON(SMD)
16
330
17
4500
10
× 12,7
≥1(3)
1 ~ 3
B
≥ 2(2)
94SVP337X016F12
Kemet, Ceramic X5R
16
10
2
–
3225
≥2(3)
≥ 1(9)
A(2)
C1210C106M4PAC
(SMD)
6.3
47
2
N/R(10)
≥ 1(11)
A(12)
C1210C476K9PAC
Murata, Ceramic X5R
6.3
100
2
–
3225
N/R(10)
≥ 1(11)
A(12)
GRM32ER60J107M
(SMD)
6.3
47
N/R(10)
≥ 1(11)
A(12)
GRM32ER60J476M
25
22
≥ 1(13)
≥ 1(11)
A(12)
GRM32ER61E226K
16
10
≥2(13)
≥ 1(11)
A(12)
GRM32DR61C106K
TDK, Ceramic X5R
6.3
100
2
–
3225
N/R(10)
≥ 1(11)
A(12)
C3225X5R0J107MT
(SMD)
6.3
47
N/R(10)
≥ 1(11)
A(12)
C3225X5R0J476MT
16
10
≥2(13)
≥ 1(11)
A(12)
C3225X5R1C106MT0
16
22
≥1(13)
≥ 1(11)
A(12)
C3225X5R1C226MT
(8)
The voltage rating of this capacitor only allows it to be used for output voltage that is equal to or less than 80% of the working voltage.
(9)
Any combination of ceramic capacitor values is limited to 500
µF for PTH08T240W and 5000 µF for PTH08T241W. The total
capacitance for PTH08T240W is limited to 10,000
µF which includes all ceramic and non-ceramic types.
(10) N/R – Not recommended. The voltage rating does not meet the minimum operating limits.
(11) Any combination of ceramic capacitor values is limited to 500
µF for PTH08T240W and 5000 µF for PTH08T241W. The total
capacitance for PTH08T240W is limited to 10,000
µF which includes all ceramic and non-ceramic types.
(12) Required capacitors with TurboTrans. See the TurboTrans Application information for Capacitor Selection
Capacitor Types:
•
Type A = (100
≤ capacitance × ESR ≤ 1000)
•
Type B = (1,000 < capacitance
× ESR ≤ 5,000)
•
Type C = (5,000 < capacitance
× ESR ≤ 10,000)
(13) In addition to the required input electrolytic capacitance,
≥ 20 µF of ceramic capacitance is required to reduce the high-frequency
reflected ripple current.
16
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com