Electronic Components Datasheet Search
  English  ▼

X  

PTH08T261WAZ Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # PTH08T261WAZ
Description  3-A, 4.5-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, ADJUSTABLE POWER MODULE WITH TurboTrans
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTH08T261WAZ Datasheet(HTML) 21 Page - Texas Instruments

Back Button PTH08T261WAZ Datasheet HTML 17Page - Texas Instruments PTH08T261WAZ Datasheet HTML 18Page - Texas Instruments PTH08T261WAZ Datasheet HTML 19Page - Texas Instruments PTH08T261WAZ Datasheet HTML 20Page - Texas Instruments PTH08T261WAZ Datasheet HTML 21Page - Texas Instruments PTH08T261WAZ Datasheet HTML 22Page - Texas Instruments PTH08T261WAZ Datasheet HTML 23Page - Texas Instruments PTH08T261WAZ Datasheet HTML 24Page - Texas Instruments PTH08T261WAZ Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
www.ti.com
PTH08T260W
4
+
7
AutoTrack
GND
Vo
TT
3
GND
GND
+Sense
5
L
O
A
D
−Sense
+
INH/UVLO
6
−Sense
+Sense
SYNC
TurboTrans
™
RTT
0 k
Ω
VO
CO2
1200
µF
(Type B)
CO1
200
µF
Ceramic
RSET
1%
0.05 W
VI
VOAdj
VI
CI
330
µF
PTH08T260W, PTH08T261W
SLTS272A – DECEMBER 2006 – REVISED MAY 2007
A.
The value of RTT must be calculated using the total value of output capacitance.
Figure 16. Typical TurboTrans Schematic
21
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com